Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5008 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCD5008 Datasheet HTML 40Page - NXP Semiconductors PCD5008 Datasheet HTML 41Page - NXP Semiconductors PCD5008 Datasheet HTML 42Page - NXP Semiconductors PCD5008 Datasheet HTML 43Page - NXP Semiconductors PCD5008 Datasheet HTML 44Page - NXP Semiconductors PCD5008 Datasheet HTML 45Page - NXP Semiconductors PCD5008 Datasheet HTML 46Page - NXP Semiconductors PCD5008 Datasheet HTML 47Page - NXP Semiconductors PCD5008 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
1998 Jun 17
44
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
8.7.9
BLOCK INFORMATION WORD (BIW) PACKET
(ID = 00H)
The FLEX
™ protocol allows systems to transmit time
information using block information words. The information
carried in a BIW depends on the BIW word format
(Table 49). The first BIW of each phase, carrying
information about the frame structure, is used internally by
the PCD5008 and is never transmitted to the host.
The PCD5008 can be configured to send all time and date
BIWs (BIW001, BIW010 and BIW101) to the host by
setting the SBI bit in the control packet, see Section 8.4.7.
When the SBI bit is set and a BIW is received with an
uncorrectable number of bit errors, the PCD5008 sends
the BIW to the host indicating that the codeword was
received in error (regardless of the BIW word format).
The PCD5008 does not support decoding of vector and
message words associated with the data/system
message BIW101.
System providers supporting local time transmissions are
required to transmit at least one time related BIW in each
phase transmitted in frame 0, cycle 0. The time
transmitted is the local time for the transmitted time zone
and refers to the actual time at the leading edge of the first
bit of sync 1 of frame 0 of the current cycle.
See Tables 50, 51, 52 and 53 and the following bit
definitions of the time related BIWs.
e: error (Table 49). Set if more than 2 bit errors are
detected in the word or if the check character calculation
fails after error correction has been performed.
p: phase (Table 49), is the phase on which the BIW was
found (0 = A,1=B,2=Cand3=D).
x: unused bits (Table 49). Their value is not guaranteed.
f: word format type (Table 49). The value of these bits
modify the meaning of the s bits in this packet as described
in Tables 50, 51 and 52. If the e bit is not set, this field is
one of 001, 010 or 101.
s: BIW information bits (Table 49). The definition of these
bits depend on the f bits in this packet.
m: month field (Table 50). 0001 to 1100 binary
correspond to January to December in month order.
d: day field (Table 50). 00001 to 11111 binary correspond
to 1 to 31 days in the month.
Table 49 BIW packet bit assignments
Table 50 Month/day/year BIW definitions
Table 51 Second/minute/hour BIW definitions
Table 52 Accurate seconds/daylight savings time/time zone; system message BIW definitions
Note
1. When the s3s2s1s0 field is 0100 or 0101, then s4 to s13 are defined as above, when the s3s2s1s0 field does not have
one of these values, the system message does not contain time related information and is not sent to the host.
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
300000000
2e
p1
p0
xx
f2
f1
f0
1x
x
s13
s12
s11
s10
s9
s8
0s7
s6
s5
s4
s3
s2
s1
s0
f2
f1
f0
s13
s12
s11
s10
s9
s8
s7
s6
s5
s4
s3
s2
s1
s0
001
m3
m2
m1
m0
d4
d3
d2
d1
d0
Y4
Y3
Y2
Y1
Y0
f2
f1
f0
s13
s12
s11
s10
s9
s8
s7
s6
s5
s4
s3
s2
s1
s0
011
S2
S1
S0
M5
M4
M3
M2
M1
M0
H4
H3
H2
H1
H0
f2
f1
f0
s13 s12 s11 s10
s9
s8
s7
s6
s5
s4
s3
s2
s1
s0
DESCRIPTION
101
S2
S1
S0
xL0
z4
z3
z2
z1
z0
0
1
0
X
system message; note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com