Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5008 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD5008 Datasheet HTML 14Page - NXP Semiconductors PCD5008 Datasheet HTML 15Page - NXP Semiconductors PCD5008 Datasheet HTML 16Page - NXP Semiconductors PCD5008 Datasheet HTML 17Page - NXP Semiconductors PCD5008 Datasheet HTML 18Page - NXP Semiconductors PCD5008 Datasheet HTML 19Page - NXP Semiconductors PCD5008 Datasheet HTML 20Page - NXP Semiconductors PCD5008 Datasheet HTML 21Page - NXP Semiconductors PCD5008 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
1998 Jun 17
18
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
Table 6
Input signal polarity
Table 7
FLEX
™ 4 level FSK modulation selection
SP1
SP0
SIGNAL POLARITY
EXTS1
EXTS0
0
0
normal
normal
0
1
normal
inverted
1
0
inverted
normal
1
1
inverted
inverted
EXTS1
EXTS0
FSK MODULATION
AT SP = 0,0
(Hz)
1
0
+4800
1
1
+1600
01
−1600
00
−4800
8.4.5
PART ID PACKET (ID = FFH)
The part ID packet is output by the PCD5008 SPI
whenever the SPI transmit is disabled due to the
checksum feature.
MDL: model (Table 8). The PCD5008 model value is 0.
CID: compatibility ID (Table 8). This value describes other
parts with the same model number, which are compatible
with this part. The PCD5008 compatibility value is 1.
Devices which implement a superset of PCD5008
functionality have MDL cleared and CID0 set.
REV: revision (Table 8). This identifies the manufacturing
version of the PCD5008. For the PCD5008 the value is 6.
Compatible parts have values in the range 0 to 5.
8.4.6
CHECKSUM PACKET (ID = 00H)
See Table 9 for checksum packet bit assignment.
CV: checksum value (24 bits), see Section 8.4.2.
Table 8
Part ID packet bit assignments
Table 9
Checksum packet bit assignments
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
311111111
2
MDL1
MDL0
CID13
CID12
CID11
CID10
CID9
CID8
1
CID7
CID6
CID5
CID4
CID3
CID2
CID1
CID0
0
REV7
REV6
REV5
REV4
REV3
REV2
REV1
REV0
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
300000000
2CV23
CV22
CV21
CV20
CV19
CV18
CV17
CV16
1CV15
CV14
CV13
CV12
CV11
CV10
CV9
CV8
0CV7
CV6
CV5
CV4
CV3
CV2
CV1
CV0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com