Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5008 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCD5008 Datasheet HTML 17Page - NXP Semiconductors PCD5008 Datasheet HTML 18Page - NXP Semiconductors PCD5008 Datasheet HTML 19Page - NXP Semiconductors PCD5008 Datasheet HTML 20Page - NXP Semiconductors PCD5008 Datasheet HTML 21Page - NXP Semiconductors PCD5008 Datasheet HTML 22Page - NXP Semiconductors PCD5008 Datasheet HTML 23Page - NXP Semiconductors PCD5008 Datasheet HTML 24Page - NXP Semiconductors PCD5008 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
1998 Jun 17
21
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
8.5
Receiver control interface
8.5.1
GENERAL
The PCD5008 has 8 programmable receiver control lines,
S0 to S7. The host can program via SPI packets what
setting is applied to the receiver control lines, the duration
of warm-up and shut-down stages and the polling of the
LOBAT pin. This programmability allows the PCD5008 to
interface with many off-the-shelf receiver ICs. Note that
these packets are ignored when sent while decoding is
enabled (ON bit is set in the control packet).
8.5.2
LOW BATTERY DETECTION
The PCD5008 can be configured to poll the LOBAT pin at
the end of every receiver control setting. This check can be
enabled or disabled for each receiver control setting. If the
poll is enabled for a setting, the pin is read just before the
PCD5008 activates the next setting on the receiver control
lines. The PCD5008 sends a status packet whenever the
value differs from the previous time that the LOBAT pin
was polled.
8.5.3
RECEIVER SETTINGS AT RESET
The receiver control ports are 3-state outputs which are set
to high impedance when the PCD5008 is reset, until the
corresponding FRS bit in the receiver line control packet is
set or the PCD5008 is turned on for the first time after a
reset (by setting the ON bit in the control packet). This
allows the designer to force the receiver control lines to the
receiver off setting with external pull-up or pull-down
resistors before the host can configure these settings in
the PCD5008.
8.5.4
RECEIVER OFF STATE (ID = 10H)
The receiver off state is configured by the receiver off
setting packet (Table 13), which defines the settings to be
applied when the PCD5008 decides to switch the
receiver off.
LBC: low battery check (Table 13). If this bit is set, the
PCD5008 checks the status of the LOBAT port just before
leaving the receiver off state. Value after reset = 0.
CLS: control line setting (Table 13). This is the value to be
output on the receiver control lines for the receiver off
state. Value after reset = 0.
ST: step time (Table 13). This sets the duration of the
warm-up off time. The setting is in steps of 625
µs. Valid
values are 625
µs (ST = 01H) to 159.375 ms (ST = FFH).
Value after reset = 01H.
Table 12 Status packet bit assignments
Table 13 Receiver off setting packet bit assignments
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
301111111
2
FIV
f6
f5
f4
f3
f2
f1
f0
1SM
LB
x
x
c3
c2
c1
c0
0
SMU
LBU
x
MT
x
EOF
x
BOE
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
300010000
20000
LBC
000
1
CLS7
CLS6
CLS5
CLS4
CLS3
CLS2
CLS1
CLS0
0ST7
ST6
ST5
ST4
ST3
ST2
ST1
ST0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com