Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5008 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCD5008 Datasheet HTML 4Page - NXP Semiconductors PCD5008 Datasheet HTML 5Page - NXP Semiconductors PCD5008 Datasheet HTML 6Page - NXP Semiconductors PCD5008 Datasheet HTML 7Page - NXP Semiconductors PCD5008 Datasheet HTML 8Page - NXP Semiconductors PCD5008 Datasheet HTML 9Page - NXP Semiconductors PCD5008 Datasheet HTML 10Page - NXP Semiconductors PCD5008 Datasheet HTML 11Page - NXP Semiconductors PCD5008 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
1998 Jun 17
8
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
Fig.4 Reset timing.
handbook, full pagewidth
MBK033
RESET
READY
tLH(RESET-READY)
tHL(RESET-READY)
tW(rst)
8.3
Serial peripheral interface (SPI)
8.3.1
GENERAL
All data communication between the PCD5008 and the
host is done via the SPI using 32-bit data packets at data
rates up to 1 Mbits/s. SPI transfers are full-duplex and can
be initiated by either the host which acts as the SPI master
providing the data clock for packet transfer, or the
PCD5008 as an SPI slave.
The host can send packets to configure or control the
PCD5008 or a checksum packet to validate SPI
communication (Section 8.4.2). The PCD5008 buffers
data packets, relating to received data, into a 32 packet
transmit buffer. The PCD5008 can send either a status
packet, a part ID packet, or packets from the transmit
buffer. In the event of a buffer overflow, the PCD5008
stops decoding and clears the transmit buffer.
8.3.2
SPI INTERCONNECT
Connection on the PCD5008 consists of a READY pin and
4 SPI pins (SS, SCK, MOSI and MISO):
READY: output signal; indicates that data is available
from the PCD5008
SS: SPI select; used as PCD5008 chip select
SCK: serial clock; output from the host used for clocking
data
MOSI: master output slave input; data output from the
host
MISO: master input slave output; data output from the
PCD5008.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com