Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5008 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD5008
Description  FLEX Pager Decoder
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5008 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD5008 Datasheet HTML 9Page - NXP Semiconductors PCD5008 Datasheet HTML 10Page - NXP Semiconductors PCD5008 Datasheet HTML 11Page - NXP Semiconductors PCD5008 Datasheet HTML 12Page - NXP Semiconductors PCD5008 Datasheet HTML 13Page - NXP Semiconductors PCD5008 Datasheet HTML 14Page - NXP Semiconductors PCD5008 Datasheet HTML 15Page - NXP Semiconductors PCD5008 Datasheet HTML 16Page - NXP Semiconductors PCD5008 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
1998 Jun 17
13
Philips Semiconductors
Product specification
FLEX
™ Pager Decoder
PCD5008
8.3.8
DECODER-TO-HOST PACKETS OVERVIEW
This section summarises the packets which can be sent from the PCD5008 to the host (Table 3).
Table 3
Decoder-to-host packet ID map
86
user address assignment (user address 6)
8.6.6
87
user address assignment (user address 7)
8.6.6
88
user address assignment (user address 8)
8.6.6
89
user address assignment (user address 9)
8.6.6
8A
user address assignment (user address 10)
8.6.6
8B
user address assignment (user address 11)
8.6.6
8C
user address assignment (user address 12)
8.6.6
8D
user address assignment (user address 13)
8.6.6
8E
user address assignment (user address 14)
8.6.6
8F
user address assignment (user address 15)
8.6.6
90 to FF
reserved (host should never send)
−
PACKET
ID (HEX)
TYPE
SECTION
00
block information word
8.7.9
01
address
8.7.2
02 to 57
vector or message (ID is word number in frame)
8.7.3, 8.7.8
58 to 7E
reserved
−
7F
status
8.4.9
80 to FE
reserved
−
FF
part ID
8.4.5
PACKET
ID (HEX)
TYPE
SECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com