Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC596LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC596LP4
Description  SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC596LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC596LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9
9 - 361
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Isolation When VH is Connected to OP2*
Isolation When HH is Connected to OP2*
Output Third Order Intercept Point
* Isolation is recorded above insertion loss & measured at output of switch.
Path
State
F1 & F2
Pout (dBm)
Intermod
Pout (dBm)
Intermodulation
Ratio (dBc)
Output
IP3 (dBm)
VL to OP1
1
-12
-91
79
27.5
VL to OP2
1
-12
-91
79
27.5
HL to OP1
11
-12
-92
80
28
HL to OP2
11
-12
-91
79
27.5
VH to OP1
6
-12
-90
78
27
VH to OP2
6
-12
-90
78
27
HH to OP1
16
-12
-91
79
27.5
HH to OP2
16
-12
-91
79
27.5
Test Conditions
Temperature = +25° C
F1 = 2150 (MHz): -12 dBm at the Output
F2 = 2151 (MHz): -12 dBm at the Output
Vdd = +5V
VCTL Low = 0V, High = +5V
SMT CMOS 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz
Isolation When HL is Connected to OP2*
Isolation When VL is Connected to OP2*
HMC596LP4 / HMC596LP4E
v00.0107
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
HL to OP2 (state 12)
HL to OP2 (state 16)
VH to OP2 (state 8)
VH to OP2 (state 16)
VL to OP2 (state 16)
VL to OP2 (state 4)
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
VH to OP2 (state 1)
VH to OP2 (state 5)
HH to OP2 (state 1)
HH to OP2 (state 13)
HL to OP2 (state 1)
HL to OP2 (state 9)
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
HH to OP2 (state 14)
HL to OP2 (state 6)
VL to OP2 (state 2)
VL to OP2 (state 6)
HH to OP2 (state 6)
HL to OP2 (state 10)
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
HH to OP2 (state 11)
HH to OP2 (state 15)
VH to OP2 (state 7)
VH to OP2 (state 11)
VL to OP2 (state 11)
VL to OP2 (state 3)
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com