Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC596LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC596LP4
Description  SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC596LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC596LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
9
9 - 358
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC596LP4 / HMC596LP4E
SMT CMOS 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz
v00.0107
General Description
Features
Functional Diagram
The HMC596LP4 & HMC596LP4E are low-cost 4x2
switch matrices in leadless QFN 4x4 mm surface
mount packages for use in Satellite / DBS, LNBs
and multiswitches from 200 to 3000 MHz. A positive
voltage controlled 4 bit decoder is integrated on the
switch. The switches may be used in either 75 ohm or
50 ohm systems.
Both switch outputs (OP1 & OP2) can independently
select any of the four inputs (HH, HL, VH, VL) or
simultaneously select the same inputs. Note that the
switch is bi-directional and input/output functionality
may
be
interchanged.
All
data
presented
was
measured in a 50 ohm (input/output) system.
High Isolation / Low Insertion Loss
Integrated CMOS Compatible 4 Bit Decoder
Single Positive Supply: Vdd = +5V
QFN Leadless SMT Package, 16 mm2
4x4 Switch Matrix Using Two ICs
Electrical Specifications, T
A = +25° C, Vdd= +5V, 50 Ohm System
Typical Applications
4x2 Switch Matrix for 0.2 - 3.0 GHz Applications:
• DBS LNBs & Multiswitches
• Cable Modem / CATV
• Cellular Systems
Parameter
Conditions
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
200 - 950
950 - 2150
2150 - 3000
6
6.5
7.5
7
8
9
dB
dB
dB
Isolation
200 - 950
42
50
dB
950 - 1450
37
45
dB
1450 - 2150
2150 - 3000
43
40
dB
dB
Return Loss (VL, HL, VH, HH)
Input Selected
200 - 950
950 - 2150
2150 - 3000
25
10
7
30
15
12
dB
dB
dB
Return Loss (VL, HL, VH, HH)
Input Deselected
200 - 950
950 - 2150
2150 - 3000
17
22
18
dB
dB
dB


Similar Part No. - HMC596LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC596LP4 HITTITE-HMC596LP4 Datasheet
329Kb / 8P
SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC596LP4 HITTITE-HMC596LP4 Datasheet
329Kb / 8P
SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Analog Devices
HMC596LP4 AD-HMC596LP4 Datasheet
490Kb / 8P
SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC596LP4E HITTITE-HMC596LP4E Datasheet
329Kb / 8P
SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC596LP4E HITTITE-HMC596LP4E Datasheet
329Kb / 8P
SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
More results

Similar Description - HMC596LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276QS24 HITTITE-HMC276QS24 Datasheet
420Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4 Datasheet
511Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
logo
Hexawave, Inc
HWS412 HW-HWS412 Datasheet
106Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS428 HW-HWS428 Datasheet
103Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
logo
Hittite Microwave Corpo...
HMC276LP4 HITTITE-HMC276LP4_09 Datasheet
342Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC596LP4 HITTITE-HMC596LP4_09 Datasheet
329Kb / 8P
SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_09 Datasheet
357Kb / 8P
GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
logo
Hexawave, Inc
HWS428_V5 HW-HWS428_V5_15 Datasheet
106Kb / 4P
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
logo
Analog Devices
HMC596LP4 AD-HMC596LP4 Datasheet
490Kb / 8P
SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com