Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC596LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC596LP4
Description  SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC596LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC596LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9
9 - 363
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Bias Voltage Range (Vdd)
+8.0 Vdc
Control Voltage Range
(All Logic Lines)
Vdd +0.5 to -0.2V Vdc
Channel Temperature
150 °C
Thermal Resistance
325 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Maximum Input Power (Each Input)
+23 dBm (200 - 2150 MHz)
NOTES:
1. LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAX.
PAD BURR HEIGHT SHALL BE 0.05mm MAX.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL NC LEADS, GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED PCB LAND PATTERN.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
SMT CMOS 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC596LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H596
XXXX
HMC596LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H596
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC596LP4 / HMC596LP4E
v00.0107



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com