Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC596LP4 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC596LP4
Description  SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC596LP4 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC596LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
9
9 - 364
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
The HMC596LP4(E) switch can operate as a 4x4 switch by
connecting the 4 inputs of two switches directly together.
The VL, VH, HL, and HH inputs of the first switch should be
connected to the second switch, as illustrated.
Mirror image switch performance can be realized by invert-
ing the HV1 & HV2 logic control signals of one of the
HMC596LP4(E) switches.
The input loading impedance of two switches in parallel
should be 31.25 ohms. The output loading impedance on
each output should be 75 ohms. The interconnect RF line
between the switch’s inputs should be an RF trace with a
characteristic impedance of 62.5 ohms. This will allow the
switch to remain matched in all possible switch states.
The HMC596LP4(E) does not provide output to output (OP1
to OP2) isolation. For this reason, it is recommended that
external amplifiers should be used at each output. The
amplifier’s reverse isolation will provide output to output isolation, if this is necessary.
Each HMC596LP4(E) requires DC blocking capacitors on ALL RF input and output ports.
Switch Application Circuit for 4x4 Switch Matrix
SMT CMOS 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz
HMC596LP4 / HMC596LP4E
v00.0107
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 2, 4 - 6, 13 - 15,
17, 18
GND
Package bottom has exposed metal paddle
that must be connected to PCB RF ground.
3, 16, 19, 24
HL, VL, VH, HH
Switch RF Input. This pin is DC coupled and should be DC
blocked externally using a series capacitor. Select value
based on lowest frequency of operation.
7, 12
OP1, OP2
Switch RF Input. This pin is DC coupled and should be DC
blocked externally using a series capacitor. Select value
based on lowest frequency of operation.
8HV2
Control Inputs. See truth and control voltage table.
9TONE2
10
TONE1
11
HV1
20, 22, 23
N/C
Not connected.
21
Vdd
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com