Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC596LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC596LP4
Description  SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC596LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC596LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC596LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9
9 - 359
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC596LP4 / HMC596LP4E
SMT CMOS 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz
v00.0107
Insertion Loss on OP1
Insertion Loss on OP2
OP1 Isolation 950 - 1450 MHz
OP2 Isolation 950 - 1450 MHz
Input to
Output State
Interfering
Signal
State
Min.
(dB)
Typ.
(dB)
HL to OP1
VL to OP1
All Other States
11
All Other States
38
40
41
>43
VL to OP1
VH to OP1
All Other States
2
All Other States
39
40
42
>43
VH to OP1
All States
All States
43
>46
HH to OP1
All States
All States
37
>40
Input to
Output State
Interfering
Signal
State
Min.
(dB)
Typ.
(dB)
HL to OP2
HH to OP2
All Other States
15
All Other States
38
40
41
>43
VH to OP2
HL to OP2
All Other States
6
All Other States
37
40
40
>43
VL to OP2
HL to OP2
All Other States
1
All Other States
37
40
40
>43
HH to OP2
All States
All States
38
>41
Electrical Specifications, T
A = +25° C, Vdd= +5V, 50 Ohm System
(Continued)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
VL to OP1 (state 1)
VL to OP1 (state 2)
VH to OP1 (state 5)
VH to OP1 (state 6)
HL to OP1 (state 11)
HL to OP1 (state 12)
HH to OP1 (state 15)
HH to OP1 (state 16)
FREQUENCY (GHz)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
VL to OP2 (state 1)
VL to OP2 (state 5)
VH to OP2 (state 2)
VH to OP2 (state 6)
HL to OP2 (state 11)
HL to OP2 (state 15)
HH to OP2 (state 12)
HH to OP2 (state 16)
FREQUENCY (GHz)
Parameter
Conditions
Frequency
Min.
Typ.
Max.
Units
Return Loss (Output OP1/OP2)
200 - 950
950 - 2150
2150 - 3000
9
11
8
13
14
13
dB
dB
dB
Output IP3
200 - 3000
22
27
dBm
Input Power for 1 dB Compression
200 - 3000
18
22
dBm
Switching Speed
tRISE / tFALL (10/90% RF)
tON / tOFF (50% CTL to 10/90% RF)
6.0
6.5
ns
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com