Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTF3000LF Datasheet(PDF) 4 Page - Humirel

Part # HTF3000LF
Description  TEMPERATURE AND HUMIDITY MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTF3000LF Datasheet(HTML) 4 Page - Humirel

  HTF3000LF Datasheet HTML 1Page - Humirel HTF3000LF Datasheet HTML 2Page - Humirel HTF3000LF Datasheet HTML 3Page - Humirel HTF3000LF Datasheet HTML 4Page - Humirel HTF3000LF Datasheet HTML 5Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HUMIREL HPC077VC
HTF3000LF
July 2006
4
QUALIFICATION PROCESS
Resistance to physical and chemical stresses
HTF3000LF has passed through qualification processes of HUMIREL including vibration, shock, storage,
high temperature and humidity.
Additional tests under harsh chemical conditions demonstrate good operation in presence of salt
atmosphere, SO2 (0.5%, H2S (0.5%), 03, NOx, NO, CO, CO2, Softener, Soap, Toluene, acids (H2SO4,
HNO3,HCI), HMDS, Insecticide, Cigarette smoke,….
ESD : HTF3000LF is able to sustain a minimum of ±8KV (contact discharge)
PACKAGE OUTLINE HTF3000LF PVH
HTF3000LF PVH
Dim
A
B
C
D
E
F
Min
17.9 12.0 12.0 14.37 4.88
1.76
Max 18.9 13.0 13.0 14.77 5.28
2.76
Dim
J
H
L
K
Min
5.6
7.2
8.0
0.54
Max
6.6
8.2
9.4
0.74
Dimensions in millimeters
Weight : 2.1g
Recommended Through Hole FootPrint
BOTTOM VIEW
19.9 mm
14.57mm
2.68 mm
T
F
-
+
5.08 mm
4.46 mm
14.00 mm
1.02 mm
Ordering information: HPP808H031



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com