Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTF3000LF Datasheet(PDF) 2 Page - Humirel

Part # HTF3000LF
Description  TEMPERATURE AND HUMIDITY MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTF3000LF Datasheet(HTML) 2 Page - Humirel

  HTF3000LF Datasheet HTML 1Page - Humirel HTF3000LF Datasheet HTML 2Page - Humirel HTF3000LF Datasheet HTML 3Page - Humirel HTF3000LF Datasheet HTML 4Page - Humirel HTF3000LF Datasheet HTML 5Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HUMIREL HPC077VC
HTF3000LF
July 2006
2
Relative Humidity Accuracy of HTF 3000LF @ 23°C
-8
-6
-4
-2
0
2
4
6
8
0
1020
3040
5060
7080
90
100
r e l a t i v e hum idit y i n %
Chart 2
Modeled Signal output:
Fout = 7314 – 16.79*RH + 0.0886*RH²-0.000358* RH
3
(Fout in Hz and RH in %)
Modeled Reversed Equation:
RH = 89,8*10-
10*Fout3 - 15,7486*10-5*Fout ² +
0,80945*Fout -1009
(Fout in Hz and RH in %)
Typical response look-up table at 3.3V (Polynomial Reference curve)
RH (%)
1
5
10
15
20
25
30
35
40
45
50
Fout
(Hz)
7295
7230
7155
7080
7010
6945
6880
6820
6760
6705
6650
RH (%)
55
60
65
70
75
80
85
90
95
99
Fout
(Hz)
6600
6550
6500
6450
6400
6355
6305
6260
6210
6170
Output Voltage wave form
Temperature influence on HTF3000LF humidity measurement
For demanding application, temperature coefficient could be compensated over operating temperature
range using following formula :
Rhcorr = RH + 0.08 * ( T – 25 )
Fout Corr = Fout -0,88 * ( T – 25 )
(T in °C, RH in %RH, Fout in Hz
)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com