Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTF3000LF Datasheet(PDF) 5 Page - Humirel

Part # HTF3000LF
Description  TEMPERATURE AND HUMIDITY MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTF3000LF Datasheet(HTML) 5 Page - Humirel

  HTF3000LF Datasheet HTML 1Page - Humirel HTF3000LF Datasheet HTML 2Page - Humirel HTF3000LF Datasheet HTML 3Page - Humirel HTF3000LF Datasheet HTML 4Page - Humirel HTF3000LF Datasheet HTML 5Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HUMIREL HPC077VC
HTF3000LF
July 2006
5
HTF3000LF SMD
Dimensions in millimeters
BOTTOM VIEW
Dim
A
B
C
D
E
F
Weight : 2.1g
Recommended SMD FootPrint
Ordering information: HPP808H033
Soldering information
Hand soldering :
Temperature of the soldering iron must be kept under 350°C.
Duration of the soldering operation less than 3 seconds
Automatic soldering :
Standard Tin-Lead or Lead Free Wave Soldering Process
Recommended Reflow Profile as per Humirel specification
The information in this sheet has been carefully reviewed and is believed to be accurate; however, no responsability is assumed for inaccuracies. Furthermore, this information does not convey to the
purchaser of such devices any license under the patent rights to the manufacturer. Humirel may make changes at the specified product performance and design, under. Humirel makes no warranty,
representation or guarantee regarding the suitability of its product for any particular purpose, nor does Humirel assume any liability arising out of the application or use of any product or circuit and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. « Typical » parameters can and do vary in different applications. All operating parameters,
including « Typical » must be validated for each customer applications by customer’s technical experts. Humirel does not convey any license under its patent rights nor the rights of others. Humirel products
are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other application intended to support or sustain life, or for any application in which
the failure of the Humirel product could create a situation where personal injury or death may occur. Should buyer purchase or use Humirel products for any such unintended or unauthorized application,
Buyer shall indemnify and hold Humirel and its officers, employees, subsidaries, affiliates and distributors harmless against all claims, costs, damages and expenses, and reasonable attorney fees arising
out of, directly or indirectly, any claim of presonal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Humirel was negligent regarding the design or
manufacture of the part.Humirel is a registred trade mark of Humirel.
Min
17.9 12.0
9.15
14.37 4.88
0.8
Max 18.9 13.0 10.15 14.77 5.28
2.8
J
H
L
K
Dim
5.6
7.2
8.4
0.54
Min
6.6
8.2
9.8
0.74
Max
3.18 mm
2.31 mm
F
T
5.08 mm
-
+
15.28 mm
19.90 mm
1.27 mm
14.00 mm
3.82 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com