Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTF3000LF Datasheet(PDF) 3 Page - Humirel

Part # HTF3000LF
Description  TEMPERATURE AND HUMIDITY MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTF3000LF Datasheet(HTML) 3 Page - Humirel

  HTF3000LF Datasheet HTML 1Page - Humirel HTF3000LF Datasheet HTML 2Page - Humirel HTF3000LF Datasheet HTML 3Page - Humirel HTF3000LF Datasheet HTML 4Page - Humirel HTF3000LF Datasheet HTML 5Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HUMIREL HPC077VC
HTF3000LF
July 2006
3
CHARACTERISTICS
Temperature sensor
Characteristics
Symbol
Min.
Typ
Max.
Unit.
Nominal resistance @ 25°C
10
kΩ
Beta value : B25/50
B
3346
3380
3413
Temperature measuring range
Ta
-40
85
°C
Nominal Resistance Toleranceat 25°C
Rn
1
%
B value tolerance
B
1
%
Response Time
τ
10
s
Typical temperature output
Temp °C
Rnominal Ω
Max
Deviation Ω
Temp °C
Rnominal Ω
Max
Deviation Ω
Temp °C
Rnominal Ω
Max
Deviation Ω
Temp °C
Rnominal Ω
Max
Deviation Ω
-40
195652
7921
3
23951
452
46
4754
83
89
1303
40
-39
184917
7378
4
22963
423
47
4597
82
90
1268
39
-38
174845
6874
5
22021
396
48
4446
81
91
1234
39
-37
165391
6407
6
21123
371
49
4301
80
92
1202
38
-36
156513
5974
7
20267
348
50
4161
79
93
1170
37
-35
148171
5571
8
19450
326
51
4026
77
94
1139
37
-34
140330
5197
9
18670
305
52
3896
76
95
1110
36
-33
132958
4849
10
17926
285
53
3771
75
96
1081
35
-32
126022
4527
11
17214
267
54
3651
74
97
1053
35
-31
119494
4226
12
16534
250
55
3535
73
98
1026
34
-30
113347
3947
13
15886
233
56
3423
72
99
999
34
-29
107565
3687
14
15266
218
57
3315
70
100
974
33
-28
102116
3446
15
14674
204
58
3211
69
101
949
32
-27
96978
3221
16
14108
190
59
3111
68
102
925
32
-26
92132
3011
17
13566
178
60
3014
67
103
902
31
-25
87559
2815
18
13049
166
61
2922
66
104
880
31
-24
83242
2633
19
12554
154
62
2834
65
105
858
30
-23
79166
2463
20
12081
144
63
2748
64
106
837
30
-22
75316
2305
21
11628
134
64
2666
63
107
816
29
-21
71677
2157
22
11195
125
65
2586
62
108
796
29
-20
68237
2019
23
10780
116
66
2509
60
109
777
28
-19
64991
1890
24
10382
108
67
2435
59
110
758
28
-18
61919
1770
25
10000
100
68
2364
58
111
740
27
-17
59011
1658
26
9634
100
69
2294
57
112
722
27
-16
56258
1553
27
9284
100
70
2228
56
113
705
26
-15
53650
1454
28
8947
100
71
2163
55
114
688
26
-14
51178
1363
29
8624
99
72
2100
54
115
672
25
-13
48835
1277
30
8315
99
73
2040
53
116
656
25
-12
46613
1197
31
8018
98
74
1981
52
117
640
24
-11
44506
1121
32
7734
98
75
1925
52
118
625
24
-10
42506
1051
33
7461
97
76
1870
51
119
611
24
-9
40600
985
34
7199
96
77
1817
50
120
596
23
-8
38791
923
35
6948
95
78
1766
49
121
583
23
-7
37073
865
36
6707
94
79
1716
48
122
569
22
-6
35442
810
37
6475
93
80
1669
47
123
556
22
-5
33892
759
38
6253
92
81
1622
46
124
544
22
-4
32420
712
39
6039
91
82
1578
46
125
531
21
-3
31020
667
40
5834
90
83
1535
45
-2
29689
625
41
5636
89
84
1493
44
-1
28423
586
42
5445
88
85
1452
43
0
27219
549
43
5262
87
86
1413
42
1
26076
514
44
5086
86
87
1375
42
2
24988
482
45
4917
85
88
1338
41



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com