Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTF3000LF Datasheet(PDF) 1 Page - Humirel

Part # HTF3000LF
Description  TEMPERATURE AND HUMIDITY MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTF3000LF Datasheet(HTML) 1 Page - Humirel

  HTF3000LF Datasheet HTML 1Page - Humirel HTF3000LF Datasheet HTML 2Page - Humirel HTF3000LF Datasheet HTML 3Page - Humirel HTF3000LF Datasheet HTML 4Page - Humirel HTF3000LF Datasheet HTML 5Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HUMIREL HPC077VC
HTF3000LF
July 2006
1
TEMPERATURE AND HUMIDITY MODULE
HTF3000LF
RoHS Compliant
Based on the rugged HS1101LF humidity sensor, HTF3000LF is a dedicated humidity and temperature
transducer designed for OEM applications where a reliable and accurate measurement is needed. It features a
very small size for easy, cost-effective mechanical mounting. Direct interface with a micro-controller is made
possible with the module’s linear frequency output.
MAIN FEATURES
One of the smallest humidity / temperature modules on the market.
Compliant with RoHS regulation and most of Lead Free Soldering Process
Stable, proportional frequency output from 0 to 100% RH.
Calibrated within +/- 3% RH @ 55% RH at 3.30 VDC.
High quality thermistor.
Stable characteristics with temperature.
High reliability and long term stability.
HUMIDITY SENSOR SPECIFIC FEATURES
Instantaneous de-saturation after long periods in saturation phase.
Fast response time.
High resistance to chemicals.
Not affected by water immersion.
Part could be washed with distilled water.
Patented solid polymer structure.
TEMPERATURE SENSOR SPECIFIC FEATURES
10 kΩ+/- 1% NTC temperature sensor
Stable
High sensitivity
MAXIMUM RATINGS
CHARACTERISTICS
Humidity sensor(Ta =23°C, Vs=3.3Vdc, RL >100KΩ unless otherwise stated)
Characteristics
Symbol
Min.
Typ.
Max.
Unit.
Relative Humidity accuracy (0 to 100 % RH)
RH
Refer to Chart 2 on page 2
Voltage supply
Vs
3
3.30
16
VdC
Nominal output @ RH = 55 % and 3. 3Vdc
Fout
6560
6600
6640
Hz
Current consumption (Max at 16Vdc)
Ic
0.18
1
mA
Voltage supply influence (3 to 7 Vdc)
RH
+/-1
% RH
Averaged Sensitivity from 10% to 95% RH
∆Fout /∆ RH
-10
- 12
-14
Hz/% RH
Humidity Hysteresis
+/-1
% RH
Long term stability
0.5
% RH/yr
Time constant (40 to 95% RH, 2m/s, @63 %)
τ
10
s
Ratings
Symbol
Value
Unit
Storage Temperature
Tstg
-40 to 105
°C
Storage Humidity Range
RHstg
0 to 100
% RH
Supply Voltage (Peak)
Vs
16
Vdc
Humidity Operating Range
RH
0 to 100
% RH
Temperature Operating Range
Ta
-40 to 85
°C
Chart1


Similar Part No. - HTF3000LF

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3000 HUMIREL-HTF3000 Datasheet
570Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
More results

Similar Description - HTF3000LF

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTF3130 HUMIREL-HTF3130 Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTF3226LF HUMIREL-HTF3226LF Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTF3000 HUMIREL-HTF3000 Datasheet
570Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
logo
List of Unclassifed Man...
TH01 ETC2-TH01 Datasheet
232Kb / 7P
Temperature and Humidity Module
logo
Zhengzhou Winsen Electr...
ZS05 WINSEN-ZS05 Datasheet
475Kb / 8P
Temperature and Humidity Module
logo
Innovative Sensor Techn...
HYT939 IST-HYT939 Datasheet
570Kb / 3P
Digital Humidity and Temperature Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com