Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2803 Datasheet(PDF) 2 Page - WORLDSEMI CO., LIMITED

Part # WS2803
Description  18-Channel Constant Current LED Driver With Programmable PWM Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2803 Datasheet(HTML) 2 Page - WORLDSEMI CO., LIMITED

  WS2803 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary
WS2803
18-Channel Constant Current LED Driver
With Programmable PWM Outputs
2/8
WS-Preliminary-V0.1
http://www.world-semi.com
Electrical Characteristics
(VCC=5V, TA= 25 , unless otherwise specified.)
℃
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Supply Voltage Range
VCC
3.3
--
5.5
V
Output Voltage
VOUT
IOUT=1uA
-0.3
--
40
V
IoutH
Constant
Current
Output
5
--
30
mA
IoutL
Output Cut Off,
VOUT=30V
--
0.1
1
uA
ISOURCE
Other Output
--
1
--
mA
Output Current
ISINK
Other Output
--
-1
--
mA
Standby Supply Current
ISTB
B
IREF floating
--
1
1.5
mA
Minimum Constant Current Output Time
IOH
VIN=VIH or VIL,
IOUT=20mA
--
14
--
uS
PIN:CKI,SDI
VIN=VDD or GND
--
--
±1
uA
Input Current
IIN
PIN:LIN
VIN=VDD or GND
--
±10
±20
uA
VIH
0.8*VDD
--
VDD
V
Input Voltage Level
VIL
TA=-40~125℃
GND
--
0.2*VDD
V
Output Current vs. Output Voltage
Regulation
%dVOUT
IREF=700Ω, @20mA
--
±0.1
--
%/V
Output Current Line Regulation
%dVCC
VCC = 4 ~ 5.5V,VOUT
between 1.0V and 3.0V
--
±0.1
--
%/V
Pull LOW Resistance
RINLOW
RLIN,
--
30
--
KΩ
Switching Characteristics
(VCC=5V, TA=25℃)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Propagation Delay
(‘L’ to ‘H’)
CKI-to-CKO
TpLH
--
12
--
ns
Propagation Delay
(‘L’ to ‘H’)
CKI-to-CKO
TpHL
--
13.2
--
ns
Output Current Rise Time
Tor
--
50
--
ns
Maximum Turn ON and OFF time of Drive
Current
Tof
--
50
--
ns
Output Current Propagation
①
TOP
VIH=VCC
VIL=GND
RXFBs=30
RL=180Ω
CL=30pF
--
--
3.3
mS
Switching Characteristics
(VCC=3.3V, TA=25℃)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Propagation Delay
(‘L’ to ‘H’)
CKI-to-CKO
TpLH
--
24
--
ns
Propagation Delay
(‘L’ to ‘H’)
CKI-to-CKO
TpHL
--
28
--
ns
Output Current Rise Time
Tor
--
50
--
Output Current Fall Time
Tof
--
50
--
ns
Output Current Propagation
①
TOP
VIH=VCC
VIL=GND
RXFBs=30Ω
RL=180Ω
CL=30pF
--
--
3.3
mS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com