Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2803 Datasheet(PDF) 1 Page - WORLDSEMI CO., LIMITED

Part # WS2803
Description  18-Channel Constant Current LED Driver With Programmable PWM Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2803 Datasheet(HTML) 1 Page - WORLDSEMI CO., LIMITED

  WS2803 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary
WS2803
18-Channel Constant Current LED Driver
With Programmable PWM Outputs
1/8
WS-Preliminary-V0.1
http://www.world-semi.com
Features
Applications
●Supports both constant voltage and constant current drive mode
● LED decorative lighting
 
Constant output current range
● Indoor/Outdoor LED video or massage display
-5-30mA@5V supply voltage
-5-20mA@3.3V supply voltage
●18 constant current driving channels
● 30V high voltage output channels
● 8bit PWM gray level control
● Precision output driving current
Between channels in a chip: ±2 %
Between chips: ±4%
● Maximum clock frequency up to 25MHz.
● Free run ability
● Over temperature protection
General Description
The WS2803 is a constant current LED driver. It is designed for indoor/ outdoor LED displays and decorative LED
lighting system. It is suitable for LED cascading applications. The WS2803 ownes 18 output channels, each channel can
drive a constant current up to 30mA. WS2081 contains serial shift registers, data latches, output registers, band gap
reference voltage generator, internal oscillator, and programmable constant output current drivers. The serial data is read
into the shift registers at the rise edge of the external clock. The data and clock output buffers are designed for cascading
another chip. The output current can be set by connect a resistor at IREF pin to set the output current of each channel. The
over temperature protection is built in to protect the chip from thermal damage, if the core temperature level rise over 120℃,
the output current will be decreased to stable the core temperature within a safe level. The 2-wire control scheme can
reduce the system cost; it is very suitable for low cost LED decorative LED lighting systems.
WS2803 is available in both SOP-28 and DIP-28 package, the operating temperature is -40~85℃
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VCC
-0.3 to 6V
V
Input Voltage
VIN
-0.3 to VCC+0.3V
V
Output Voltage
VOUT
-0.4 to 45V
V
VXOUT
-0.3 to 30V,IOUT off
V
Output Pin Voltage
VXOUT
-0.3 to 10V,
V
Output Current
Constant Current Drive Mode
IOUTCC
5 to 30
mA
Output Current Deviation
Between output channels
Between chips
DIOI
DIOE
±2
±4
%
Input Clock Frequency
FCLK
25
MHz
Maximum Power Dissipation
PD
2600
mW
Operating Junction Temperature
Topr
-40 to + 150
Storage Temperature Range
Tstg
-55 to + 150
Lead Temperature (Soldering, 10 seconds)
Tsolder
300
℃
ESD susceptibility
2000
V
Note:
If the voltage on the pins exceeds the maximum ratings may cause permanent damage to the device.


Similar Part No. - WS2803

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS2801 ETC1-WS2801 Datasheet
428Kb / 15P
LED decorative lighting
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
3-Channel Constant Current LED Driver With Programmable PWM Outputs
More results

Similar Description - WS2803

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
3-Channel Constant Current LED Driver with Programmable PWM Control
logo
Silicon Touch Technolog...
DM631 SITI-DM631 Datasheet
500Kb / 24P
16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM632 SITI-DM632 Datasheet
551Kb / 25P
16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM633 SITI-DM633 Datasheet
506Kb / 26P
16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM413 SITI-DM413 Datasheet
305Kb / 18P
3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
DM634 SITI-DM634 Datasheet
586Kb / 25P
16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
Constant Current LED Driver with PWM Control
logo
Allegro MicroSystems
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
3-Channel Constant-Current LED Driver with Programmable PWM Control
A6281EESTR-T ALLEGRO-A6281EESTR-T Datasheet
263Kb / 11P
3-Channel Constant Current LED Driver with Programmable PWM Control
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
3-Channel Constant Current LED Driver With Programmable PWM Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com