Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2803 Datasheet(PDF) 7 Page - WORLDSEMI CO., LIMITED

Part # WS2803
Description  18-Channel Constant Current LED Driver With Programmable PWM Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2803 Datasheet(HTML) 7 Page - WORLDSEMI CO., LIMITED

  WS2803 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary
WS2803
18-Channel Constant Current LED Driver
With Programmable PWM Outputs
7/8
The Connection and Driving of Cascading Operation
The transmit the data over long distance by cascading, the WS2803 integrates push-pull output stage with strong
driving capability which enables the data and clock can be transmitted up to 6 meters at 2MHz clock frequency.
To prevent the reflection, it is necessary to connect a 50Ω resistor at the data input or output port for impedance match.
Package Information
SOP-28 package (Unit:mm)
Fig 6.a SOP-28
WS-Preliminary-V0.1
http://www.world-semi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com