Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2803 Datasheet(PDF) 4 Page - WORLDSEMI CO., LIMITED

Part # WS2803
Description  18-Channel Constant Current LED Driver With Programmable PWM Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2803 Datasheet(HTML) 4 Page - WORLDSEMI CO., LIMITED

  WS2803 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary
WS2803
18-Channel Constant Current LED Driver
With Programmable PWM Outputs
4/8
Pin Description
SOP-28
Pin No.
Pin Name
Pin Description
1
GND
Ground
2
IREF
A resistor connected to this pin can set the output constant current.
3
NC
None connection
4
CKI
Data clock input
5
SDI
Serial gray scale data input
6~23
OUT0~17
Constant current output terminals
24
SDO
Buffered serial data output
25
CKO
Buffered clock output
26
NC
None connection
27
NC
None connection
28
VCC
VCC input
DIP-28
Pin Port
Pin Name
Pin Description
1
GND
Ground
2
IREF
A resistor connected to this pin can set the output constant current.
3
NC
None connection
4
CKI
Data clock input
5
SDI
Serial gray scale data input
6~23
OUT0~17
Constant current output terminals
24
NC
None connection
25
NC
None connection
26
SDO
Buffered serial data output
27
CKO
Buffered clock output
28
VCC
VCC input
Application note:
Output Constant Current
In LED display and decorative applications, WS2803 provides nearly no variations in current from channel to channel
and from IC to IC. This can be achieved by:
1)
The maximum current variation between channels is less than 2%, and between chips is less than 4%.
2)
In addition, the current characteristic of the output stages is flat and users can refer to the figures as shown below.
The output current can be kept constant regardless of the variations of led forward voltages (VF). This performs as a
perfection of load regulation.
Adjusting the output current
The output current of each channel can be set by an external resistor, REXT, the output current can be set by the
following formula:
22
×
=
EXT
REXT
OUT
R
V
I
Where, REXT is the resistance of the external resistor connected to REXT terminal, and VREXT is the voltage of REXT pin
WS-Preliminary-V0.1
http://www.world-semi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com