Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2803 Datasheet(PDF) 5 Page - WORLDSEMI CO., LIMITED

Part # WS2803
Description  18-Channel Constant Current LED Driver With Programmable PWM Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2803 Datasheet(HTML) 5 Page - WORLDSEMI CO., LIMITED

  WS2803 Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 5Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 6Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 7Page - WORLDSEMI CO., LIMITED WS2803 Datasheet HTML 8Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
WS2803
18-Channel Constant Current LED Driver
With Programmable PWM Outputs
5/8
VREXT=1.25V. To set the output current at 20mA, a resistor with 1.25Kohm resistance should be connected from REXT to
GND. The relationship between IOUT and REXT is shown in the following figure.
Package Power Dissipation (PD)
The maximum allowable package power dissipation is determined as PD(max)=(Tj-Ta)/Rth(j-a), when all 18 output
channels are turned on simultaneously, the actual package power dissipation is:
)
×
×
×
(
+
)
×
(
=
)
(
18
DS
OUT
DD
DD
D
V
Duty
I
V
I
act
P
Therefore, to keep PD(act)≤PD(MAX), the maximum output current as a function of duty cycle is:
18
/
/
/
)
×
(
=
)
(
Duty
V
V
I
R
T
T
I
DS
CC
CC
a
j
th
a
j
OUT
The maximum power dissipation PD(MAX)=(Tj-Ta)/Rth(j-a), decreases as the ambient temperature increases.
Load Supply Voltage (VLED)
WS2803 is designed to operate VDS ranging from 0.4 to 1.0V, considering the package power dissipating limits. VDS
maybe high enough to ensure PD(ACT)>PD(MAX), when VLED=24V and VDS=VLED-VF, in which VLED is the load
supply voltage. In case it is recommended to use the lowest possible supply voltage or to set an external voltage reducer,
VDROP, to dissipate the excessive power.
A voltage reducer lets VDS=(VLED-VF)-VDROP.
Resistors or zener diode can be used in the applications as shown in the following figures.
Fig 3 power reducer of WS2803
2-wire Control Mode
When MS pin is connected to VCC, WS2803 operates in 2-wire control mode, at this mode, only 2 wires are needed to
transmit the grayscale data. It is a low cost solution. Only 2 ports of MCU are needed to control over thousand WS2803
chips.At this mode, CKI pin keeps LOW more than 600us, the internal logic control circuitry will be reset. Once reset, the
internal circuitry wait for the positive pulse on the CKI pin, at this state, the signal on SDI pin is shifted in to the internal data
registers, once total 144 pulses are detected, WS2803 will latch the signal from the shift registers, and the WS2803
operates as a signal relay, at this state, the CKO and SDO are enabled. If the CKI keeps LOW for more than 600us, all the
internal data control circuit will back to the original states, wait for next data transmi
WS-Preliminary-V0.1
http://www.world-semi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com