Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8619 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8619
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8619 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8619 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Type SE35 + S077
4 | 20
Visit product website 
1.
General technical data
1.1. About the device
The device Type SE35 + S077 is available as a Inline flowmeter or a batch controller in a compact variant.
1.2. All variants
The following data are valid for both the Inline flowmeter and the batch controller.
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “4.1. Bürkert resistApp” on page 9.
Further information on the materials can be found in chapter “4.2. Material specifications” on page 10.
Non wetted parts
Lid
PC
Front panel film
Polyester
Cover
PC
Housing
PC
Screw
Stainless steel
Bayonet system
PC
Cable gland
PA
Wetted parts
Axis
Stainless steel 316L (1.4401)
Oval gear
Stainless steel 316L (1.4401)
Sensor-fitting body
Aluminium, stainless steel 316L (1.4401)
Cover
Aluminium, stainless steel 316L (1.4401)
Seal
FKM or FEP/PTFE encapsulated
Display
15 × 60 mm, 8-digit LCD, alphanumeric,15 segments, 9 mm high
Compatibility
Any pipe from DN 15…DN 100 which is fitted with Bürkert S077 Inline sensor-fitting.
For the selection of the nominal diameter of the Inline sensor-fittings, see data sheet Type S077 .
Pipe diameter
DN 15…DN 100
Dimensions
Further information can be found in chapter “5. Dimensions” on page 11.
Measuring principle
Oval gear
Measuring range
• Viscosity > 5 mPa.s: 2…1200 l/min (0.53…320 gpm)
• Viscosity < 5 mPa.s: 3…616 l/min (0.78…320 gpm)
Performance data
Measurement deviation
• Teach-in or specific K factor, engraved on the Inline sensor-fitting: ± 0.5 % of the measured value at
Teach-In flow rate value
• Standard K factor: ± 1 % of the measured value
Repeatability
± 0.03 % of the measured value 1.)
Electrical data
Power source (not supplied)
Limited power source according to UL/EN 62368-1 standards or limited energy circuit according to UL/
EN 61010-1 paragraph 9.4
Protection against DC polarity
reversal
Yes
Overvoltage protection
Yes
Voltage supply cable
• Cable with maximum operating temperature greater than 80 °C (176 °F) (90 °C (194 °F) for UL
Recognized variant)
• Max. 50 m length, shielded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com