Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8619 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 8619
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8619 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 8619 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Type SE35 + S077
12 | 20
Visit product website 
5.2. Transmitter Type SE35 mounted in an Inline sensor-fitting Type S077
Note:
Dimensions in mm, unless otherwise stated
DN
H
15
126
25
135
40
147
50
157
80
207
100
223
Threaded connection
Flanged connection
DN 15 DN 25 DN 40 DN 50 DN 80
DN 25 DN 40 DN 50 DN 80 DN 100
6.
Product installation
6.1. Installation notes
Note:
The device is not suitable for use in gaseous media and steam.
The sensor fitting can be installed in any orientation as long as the rotor shafts are always in a horizontal plane.
Correct
Incorrect
The following installation conditions must also be observed:
• The pipe always has to be filled with fluid at all times near the device.
• The pipe design must be such that no air bubbles or cavitation can form within the medium near the device at any time.
• We recommend the installation of a 250 µm strainer as close as possible to the inlet side of the meter, to prevent damage from particles,
• Air purges can damage the appliance and should therefore be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com