Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8619 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8619
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8619 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8619 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Type SE35 + S077
5 | 20
Visit product website 
Medium data
Fluid temperature
With Inline sensor-fitting Type S077 in:
• Aluminium: - 20…+ 80 °C (- 4…+ 176 °F)
• Stainless steel: - 20…+ 120 °C (- 4…+ 248 °F)
See data sheet Type S077  for more information.
Fluid pressure
With Inline sensor-fitting Type S077 with:
• DN 15: max. 55 bar (798.05 PSI) (threaded process connection)
• DN 25: max. 55 bar (798.05 PSI) 1.)
• DN 40 or DN 50: max. 18 bar (261.18 PSI)
• DN 80: max. 12 bar (174.12 PSI)
• DN 100: max. 10 bar (145.1 PSI)
See data sheet Type S077  for more information.
Viscosity
Max. 1 Pa.s (higher on request)
Rate of solid particles
0 %
Process/Pipe connection & communication
Pipe connection
With Inline sensor-fitting Type S077 with:
• Thread: ½", 1", 1½", 2" or 3" (G or NPT)
• Flange:
– 25, 40, 50, 80 or 100 mm DIN PN 16 flange
– 1", 1½", 2", 3" or 4" ANSI 150LB flange
See data sheet Type S077  for more information.
Approvals and conformities
Directives
CE directive
Further information on the CE Directive can be found in chapter “3.3. Standards” on page 9.
Pressure equipment directive
Complying with article 4, paragraph 1 of 2014/68/EU directive
Further information on the pressure equipment directive can be found in chapter “3.4. Pressure
Equipment Directive (PED)” on page 9.
North America (USA/Canada)
UL Recognized for the USA and Canada
Environment and installation
Relative air humidity
≤ 80 %, without condensation
Height above sea level
Max. 2000 m
Operating condition
Continuous
Equipment mobility
Fixed
Application range
Indoor and outdoor
Protect the device against electromagnetic interference, ultraviolet rays and, when installed outdoors,
against the effects of climatic conditions.
Degree of protection 2.) according
to IEC/EN 60529
IP65 with the following conditions met:
• device wired
• cover and lid screwed tight
• female cable plug or glands mounted and tightened
• with blind plug on unused cable glands
Installation category
Category I according to UL/EN 61010-1
Pollution degree
Degree 2 according to UL/EN 61010-1
1.) Or in accordance to the value of the used flanges
2.) Not evaluated by UL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com