Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8619 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 8619
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8619 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 8619 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Type SE35 + S077
14 | 20
Visit product website 
7.2. Functional overview
Display and operating keys
The display is used to:
• read the value of certain parameters e.g. for the flowmeter, the measured flow rate, the main totalizer
• set parameters of the device by means of 3 keys
• read the configuration of the device
• be warned of certain events.
Display and operating keys
No. Description
1
5
3
6
2
4
1
“Back” key:
• to change the value (0…9) of the selected digit
• to go back to the previous function
• Read the batches history (only for batch controller)
2
“Next” key:
• to select the digit at the left
• to go to the next function
• read messages (only with Inline flowmeter as battery powered indicator/totalizer and with
batch controller)
3
“Confirm” key:
• to confirm the function displayed
• to confirm the parameters set
4
• For Inline flowmeter with a standard output signal
– status LED of relay 2
• For batch controller
– status LED of relay DO3 (LED ON = contact closed)
5
• For Inline flowmeter with a standard output signal
– status LED of relay 1
• For batch controller
– status LED of relay DO2 (LED ON = contact closed)
6
Status of device
• No status for Inline flowmeter with a standard output signal
• For Inline flowmeter as a battery powered indicator/totalizer
– off: the device operates correctly.
– blinking orange: a warning message is generated in the information menu.
– blinking red: a fault message is generated
• For batch controller
– green: the device operates correctly.
– orange: a dosing related alarm and/or a warning messages is generated in the information
menu.
– red: a fault message is generated in the information menu..
– blinking, whatever the colour:
- slow blinking: the dosing is interrupted.
- Fast blinking during a dosing: a dosing related alarm is generated.
- Fast blinking when no dosing is being done: the information menu has been remote-con-
sulted or a check for the correct behaviour of the inputs/outputs is running
The device can be calibrated by means of the K factor of the fitting or via the teach function. User adjustments, such as engineering units,
output, filter or bargraph are carried out on site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com