Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8619 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG

Part # 8619
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8619 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG

Back Button 8619 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8619 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Type SE35 + S077
19 | 20
Visit product website 
10.2. Recommendation regarding product selection
A complete flowmeter Type SE35 + S077 consists of a flow transmitter Type SE35 and an Inline sensor-fitting Type S077.
See data sheet Type S077  for more information.
Two different components must be ordered in order to select a complete device. The following information is required:
• Article no. of the compact Type SE35 flow transmitter or batch controller (see chapter “10.4. Ordering chart” on page 19)
• Article no. of the selected Type S077 Inline sensor-fitting (see data sheet Type S077 )
10.3. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and easily.
Try out our product filter
10.4. Ordering chart
Flowmeter
Note:
The following variants have at least 2 volume totalizers.
Operating
voltage
Sensor
variant
Output
UL approval
Electrical connection
Article no.
Flow transmitter Type SE35 with standard output signal
12…36 V DC
Hall
4…20 mA (2 wires) + Pulse
—
Female cable plug
DIN EN 175301-803
444005 
UL Recognized
570477 
—
2 cable glands
444006 
UL Recognized
2 cable glands
553432 
Hall
4…20 mA (3 wires) + Pulse + 2 relays
—
2 cable glands
444007 
UL Recognized
2 cable glands
553433 
115/230 V AC
Hall
4…20 mA (2 wires) + Pulse
—
2 cable glands
423922 
Hall
4…20 mA (3 wires) + Pulse + 2 relays
—
2 cable glands
423924 
Batch controller
Note:
The following variants have at least 2 volume or mass totalizers and 2 totalizers of the number of dosing performed.
Operating
voltage
Sensor
variant
Input
Output
UL approval
Electrical connection
Article no.
12…36 V DC
Hall
4 digital inputs
(DI1…DI4)
2 transistor outputs (DO1
and DO4) + 2 relay
outputs (DO2 and DO3)
–
2 cable glands
443360 
UL Recognized
564398 
115/230 V AC
–
423926 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com