Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2105 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF2105
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF2105 Datasheet HTML 36Page - NXP Semiconductors PCF2105 Datasheet HTML 37Page - NXP Semiconductors PCF2105 Datasheet HTML 38Page - NXP Semiconductors PCF2105 Datasheet HTML 39Page - NXP Semiconductors PCF2105 Datasheet HTML 40Page - NXP Semiconductors PCF2105 Datasheet HTML 41Page - NXP Semiconductors PCF2105 Datasheet HTML 42Page - NXP Semiconductors PCF2105 Datasheet HTML 43Page - NXP Semiconductors PCF2105 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
7I2C-bus start
_
for writing data to DDRAM, RS must be set to logic 1; therefore
a control byte is needed
8
slave address for write
_
SA6
SA5
SA4
SA3
SA2
SA1
SA0
R/W
Ack
011101001
9
send a control byte for write data
_
Co
RS
R/W
Ack
0101
10
write data to DDRAM
P_
writes ‘P’; the DDRAM has been selected at power-up;
the cursor is incremented by 1 and shifted to the right
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
110100001
11
write data to DDRAM
PH_
writes ‘H’
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
110010001
12
to
15
|
|
|
|
16
write data to DDRAM
PHILIPS_
writes ‘S’
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
110100111
17
(optional I2C-bus stop) I2C-bus start + slave address for
write (as step 8)
PHILIPS_
18
control byte
PHILIPS_
Co
RS
R/W
Ack
1001
19
return home
PHILIPS
sets DDRAM address 0 in AC; also returns shifted display to
original position; DDRAM contents unchanged; this instruction
does not update the DR
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
000000101
20
control byte for read
PHILIPS
DDRAM content will be read from following instructions;
the R/W has to be set to logic 1 while still in I2C-bus write mode
Co
RS
R/W
Ack
0111
21
I2C-bus start
PHILIPS
STEP
INSTRUCTION
DISPLAY
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com