Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2105 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF2105
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF2105 Datasheet HTML 13Page - NXP Semiconductors PCF2105 Datasheet HTML 14Page - NXP Semiconductors PCF2105 Datasheet HTML 15Page - NXP Semiconductors PCF2105 Datasheet HTML 16Page - NXP Semiconductors PCF2105 Datasheet HTML 17Page - NXP Semiconductors PCF2105 Datasheet HTML 18Page - NXP Semiconductors PCF2105 Datasheet HTML 19Page - NXP Semiconductors PCF2105 Datasheet HTML 20Page - NXP Semiconductors PCF2105 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 3
Instructions (note 1)
Notes
1. In the I2C-bus mode the DL bit is don't care. 8-bit mode is assumed. In the I2C-bus mode a control byte is required when bit RS or R/W is changed;
control byte: Co, RS, R/W, 0, 0, 0, 0, 0; command byte: DB7 to DB0.
2. Example: fosc = 150 kHz,
; 3 cycles = 20
µs; 165 cycles = 1.1 ms.
INSTRUCTION
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DESCRIPTION
REQUIRED
CLOCK
CYCLES(2)
NOP
0000000000
no operation
0
Clear display
0000000001
clears entire display and sets DDRAM
address 00 in Address Counter (AC)
165
Return home
0000000010
sets DDRAM address 00 in the AC;
also returns shifted display to original
position; DDRAM contents remain
unchanged
3
Entry mode set
00000001
I/D
S
sets cursor move direction and specifies
shift of display; these operations are
performed during data write and read
3
Display control
0000001
D
C
B
sets entire display on/off (D), cursor
on/off (C) and blink of cursor position
character (B)
3
Cursor/display shift
000001
S/C
R/L
00
moves cursor and shifts display without
changing DDRAM contents
3
Function set
00001
DL
N
M
G
0
sets interface data length (DL), number
of display lines (N, M) and voltage
generator control (G); bit G is not used
3
Set CGRAM
address
0001
ACG
sets CGRAM address
3
Set DDRAM
address
001
ADD
sets DDRAM address
3
Read busy flag and
address
0
1
BF
AC
reads BF indicating internal operation is
being performed and reads AC contents
0
Read data
1
1
read data
reads data from CGRAM or DDRAM
3
Write data
1
0
write data
writes data to CGRAM or DDRAM
3
T
cy
1
f
osc
--------
6.67
µs
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com