Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2105 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF2105
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF2105 Datasheet HTML 34Page - NXP Semiconductors PCF2105 Datasheet HTML 35Page - NXP Semiconductors PCF2105 Datasheet HTML 36Page - NXP Semiconductors PCF2105 Datasheet HTML 37Page - NXP Semiconductors PCF2105 Datasheet HTML 38Page - NXP Semiconductors PCF2105 Datasheet HTML 39Page - NXP Semiconductors PCF2105 Datasheet HTML 40Page - NXP Semiconductors PCF2105 Datasheet HTML 41Page - NXP Semiconductors PCF2105 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 8
Example of 8-bit operation; 2-line display; using internal reset
STEP
INSTRUCTION
DISPLAY
OPERATION
1
power supply on (PCF2105 is initialized by the internal reset
function)
initialized; no display appears
2
function set
sets to 8-bit operation; selects 2
× 24 display
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0000111000
3
display control
turns display and cursor on; entire display is blank after
initialization
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0000001110
4
entry mode set
_
sets mode to increment the address by 1 and to shift the cursor
to the right at the time of write to the CGRAM or DDRAM;
display is not shifted
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0000000110
5
write data to CGRAM or DDRAM
P_
writes ‘P’; the DDRAM has already been selected by
initialization at power-on; the cursor is incremented by 1 and
shifted to the right
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1011010000
6
|
|
|
7
write data to CGRAM or DDRAM
PHILIPS_
writes ‘S’
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1011010011
8
set DDRAM address
PHILIPS
sets DDRAM address to position the cursor at the head of the
2nd line
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 _
0011000000
9
write data to CGRAM or DDRAM
PHILIPS
writes ‘M’
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 M_
1011001101
10
|
|
|
11
write data to CGRAM or DDRAM
PHILIPS
writes ‘O’
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 MICROCO_
1011001111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com