Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2105 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF2105
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF2105 Datasheet HTML 35Page - NXP Semiconductors PCF2105 Datasheet HTML 36Page - NXP Semiconductors PCF2105 Datasheet HTML 37Page - NXP Semiconductors PCF2105 Datasheet HTML 38Page - NXP Semiconductors PCF2105 Datasheet HTML 39Page - NXP Semiconductors PCF2105 Datasheet HTML 40Page - NXP Semiconductors PCF2105 Datasheet HTML 41Page - NXP Semiconductors PCF2105 Datasheet HTML 42Page - NXP Semiconductors PCF2105 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 9
Example of I2C-bus operation; 1-line display; using internal reset (assuming SA0 = VSS); note 1
12
write data to CGRAM or DDRAM
PHILIPS
sets mode for display shift at the time of write
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 MICROCO_
0000000111
13
write data to CGRAM or DDRAM
HILIPS
writes ‘M’; display is shifted to the left; the first and second lines
shift together
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 ICROCOM_
1011001101
14
|
|
|
15
return home
PHILIPS
returns both display and cursor to the original position
(address 0)
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 MICROCOM
0000000010
STEP
INSTRUCTION
DISPLAY
OPERATION
1I2C-bus start
initialized; no display appears
2
slave address for write
during the acknowledge cycle SDA will be pulled-down by the
PCF2105
SA6
SA5
SA4
SA3
SA2
SA1
SA0
R/W
Ack
011101001
3
send a control byte for function set
control byte sets RS and R/W for following data bytes
Co
RS
R/W
Ack
0001
4
function set
selects 1-line display; SCL pulse during acknowledge cycle
starts execution of instruction
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
001
X
0
0001
5
display control
_
turns display and cursor on; entire display shows character
hexadecimal 20 (blank in ASCII-like character sets)
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
000011101
6
entry mode set
_
sets mode to increment the address by 1 and to shift the cursor
to the right at the time of write to the DDRAM or CGRAM;
display is not shifted
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Ack
000001101
STEP
INSTRUCTION
DISPLAY
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com