Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2105 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF2105
Description  LCD controller/driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2105 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF2105 Datasheet HTML 14Page - NXP Semiconductors PCF2105 Datasheet HTML 15Page - NXP Semiconductors PCF2105 Datasheet HTML 16Page - NXP Semiconductors PCF2105 Datasheet HTML 17Page - NXP Semiconductors PCF2105 Datasheet HTML 18Page - NXP Semiconductors PCF2105 Datasheet HTML 19Page - NXP Semiconductors PCF2105 Datasheet HTML 20Page - NXP Semiconductors PCF2105 Datasheet HTML 21Page - NXP Semiconductors PCF2105 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
1998 Jul 30
18
Philips Semiconductors
Product specification
LCD controller/driver
PCF2105
Table 4
Command bit identities, used in Table 3
BIT
LOGIC 0
LOGIC 1
I/D
decrement
increment
S
display freeze
display shift
D
display off
display on
C
cursor off
cursor on
B
character at cursor position does not blink
character at cursor position blinks
S/C
cursor move
display shift
R/L
left shift
right shift
DL
4 bits
8 bits
N (M = 0)
2 lines
× 12 characters; MUX rate 1 : 16
2 lines
× 24 characters; MUX rate 1 : 32
N (M = 1)
reserved
4 lines
× 12 characters; MUX rate 1 : 32
BF
end of internal operation
internal operation in progress
Co
last control byte, only data bytes to follow
next two bytes are a data byte and another control byte
9.3
Entry mode set
9.3.1
I/D
When bit I/D = 1 (0), the DDRAM or CGRAM address
increments (decrements) by 1 when data is written to or
read from the DDRAM or CGRAM. The cursor or blink
position moves to the right when incremented and to the
left when decremented. The cursor and blink are inhibited
when the CGRAM is accessed.
9.3.2
S
When bit S = 1, the entire display shifts either to the right
(bit I/D = 0) or to the left (I/D = 1) during a DDRAM write.
Consequently, it looks as if the cursor stands still and the
display moves. The display does not shift when reading
from the DDRAM, or when writing to or reading from the
CGRAM. When S = 0 the display does not shift.
9.4
Display control
9.4.1
D
The display is on when bit D = 1 and off when D = 0.
Display data in the DDRAM is not affected and can be
displayed immediately by setting D to logic 1.
9.4.2
C
The cursor is displayed when bit C = 1 and inhibited when
C = 0. Even if the cursor disappears, the display functions,
I/D, etc. remain in operation during display data write.
The cursor is displayed using 5 dots in the 8th line
(see Fig.7).
9.4.3
B
The character indicated by the cursor blinks when
bit B = 1. The blink is displayed by switching between
display characters and all dots on with a period of
1 second when fosc = 150 kHz (see Fig.7).
At other clock frequencies the blink period is equal to
The cursor and the blink can be set to display
simultaneously.
9.5
Cursor/display shift
‘Cursor/display shift’ moves the cursor position or the
display to the right or left without writing or reading display
data. This function is used to correct a character or move
the cursor through the display. In the 2 or 4-line display,
the cursor moves to the next line when it passes the last
position of the line (40 or 20 decimal). When the displayed
data is shifted repeatedly all lines shift at the same time;
displayed characters do not shift into the next line.
The Address Counter (AC) content does not change if the
only action performed is shift display, but increments or
decrements with the cursor shift.
150 kHz
f
osc
----------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com