Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS4975_05 Datasheet HTML 8Page - STMicroelectronics TS4975_05 Datasheet HTML 9Page - STMicroelectronics TS4975_05 Datasheet HTML 10Page - STMicroelectronics TS4975_05 Datasheet HTML 11Page - STMicroelectronics TS4975_05 Datasheet HTML 12Page - STMicroelectronics TS4975_05 Datasheet HTML 13Page - STMicroelectronics TS4975_05 Datasheet HTML 14Page - STMicroelectronics TS4975_05 Datasheet HTML 15Page - STMicroelectronics TS4975_05 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Electrical Characteristics
TS4975
12/36
Figure 3.
THD+N vs. output power
Figure 4.
THD+N vs. output power
Figure 5.
THD+N vs. output power
Figure 6.
THD+N vs. output power
Figure 7.
THD+N vs. output power
Figure 8.
THD+N vs. output power
1E-3
0.01
0.1
1E-3
0.01
0.1
1
10
Vcc=5V
F=1kHz
Vcc=3.3V
F=1kHz
Vcc=2.5V
F=1kHz
Vcc=5V
F=20kHz
Vcc=3.3V
F=20kHz
Vcc=2.5V
F=20kHz
RL = 8
Ω
Out. mode 1 - 8
SE, G = +2dB
BW < 125kHz
Tamb = 25
°C
Output power (W)
1E-3
0.01
0.1
1E-3
0.01
0.1
1
10
Vcc=5V
F=1kHz
Vcc=3.3V
F=1kHz
Vcc=2.5V
F=1kHz
Vcc=5V
F=20kHz
Vcc=3.3V
F=20kHz
Vcc=2.5V
F=20kHz
RL = 8
Ω
Out. mode 1 - 8
SE, G = +18dB
BW < 125kHz
Tamb = 25
°C
Output power (W)
1E-3
0.01
0.1
1E-3
0.01
0.1
1
10
Vcc=5V
F=1kHz
Vcc=3.3V
F=1kHz
Vcc=2.5V
F=1kHz
Vcc=5V
F=20kHz
Vcc=3.3V
F=20kHz
Vcc=2.5V
F=20kHz
RL = 16
Ω
Out. mode 1 - 8
SE, G = +2dB
BW < 125kHz
Tamb = 25
°C
Output power (W)
1E-3
0.01
0.1
1E-3
0.01
0.1
1
10
Vcc=5V
F=1kHz
Vcc=3.3V
F=1kHz
Vcc=2.5V
F=1kHz
Vcc=5V
F=20kHz
Vcc=3.3V
F=20kHz
Vcc=2.5V
F=20kHz
RL = 16
Ω
Out. mode 1 - 8
SE, G = +18dB
BW < 125kHz
Tamb = 25
°C
Output power (W)
1E-3
0.01
0.1
1E-3
0.01
0.1
1
10
Vcc=5V
F=1kHz
Vcc=3.3V
F=1kHz
Vcc=2.5V
F=1kHz
Vcc=5V
F=20kHz
Vcc=3.3V
F=20kHz
Vcc=2.5V
F=20kHz
RL = 32
Ω
Out. mode 1 - 8
SE, G = +2dB
BW < 125kHz
Tamb = 25
°C
Output power (W)
1E-3
0.01
0.1
1E-3
0.01
0.1
1
10
Vcc=5V
F=1kHz
Vcc=3.3V
F=1kHz
Vcc=2.5V
F=1kHz
Vcc=5V
F=20kHz
Vcc=3.3V
F=20kHz
Vcc=2.5V
F=20kHz
RL = 32
Ω
Out. mode 1 - 8
SE, G = +18dB
BW < 125kHz
Tamb = 25
°C
Output power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com