Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4975_05 Datasheet HTML 19Page - STMicroelectronics TS4975_05 Datasheet HTML 20Page - STMicroelectronics TS4975_05 Datasheet HTML 21Page - STMicroelectronics TS4975_05 Datasheet HTML 22Page - STMicroelectronics TS4975_05 Datasheet HTML 23Page - STMicroelectronics TS4975_05 Datasheet HTML 24Page - STMicroelectronics TS4975_05 Datasheet HTML 25Page - STMicroelectronics TS4975_05 Datasheet HTML 26Page - STMicroelectronics TS4975_05 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
TS4975
Application Information
23/36
All bytes are sent with MSB bit first. The transfer of written data ends with a “stop” message.
When transmitting several data, the data can be written with no need to repeat the “start”
message and addressing byte with the slave address.
In order to read data from the TS4975, after the “start” message, the MCU must send and
receive the following data:
●
send byte with the I²C 7-bit slave address and with a high level for the R/W bit
●
receive the data (control register value)
All bytes are read with MSB bit first. The transfer of read data is ended with “stop” message.
When transmitting several data, the data can be read with no need to repeat the “start”
message and the byte with slave address. In this case the value of control register is read
repeatedly.
When the thermo shutdown or pop and click reduction is active, specific values are read from
the TS4975 (see
Section 4.9: Pop and click performance on page 31 and Section 4.10: Thermo
shutdown on page 32).
Figure 59. I²C write/read operations
Table 10.
Ouput mode selection: G from -34 dB to + 18dB (by steps of 4dB)(1)
1.
SD = Shutdown Mode
In1 = Audio Input 1
In2= Audio Input2
G = Gain from Audio Input 1and Input 2 to Output1 and Output2
Output Mode #
Headphone Output 1
Headphone Output 2
0SD
SD
1
G x In1
G x In2
2
G x In2
G x In1
3
G x In1
G x In1
4
G x In2
G x In2
5SD
G x In1
6SD
G x In2
7
G x In1
SD
8
G x In2
SD
SDA
S1
1
0
0
A0
0
A
1
1
D7 D6 D5 D4
D2
D3
D0
D1
A
P
Start condition
SLAVE ADDRESS
CONTROL REGISTERS
R/W
Acknowledge
from Slave
Acknowledge
from Slave
Stop condition
Volume Control
settings
Output
Mode settings
Phantom Ground
settings
SDA
S1
1
0
0
A0
0
A
1
1
D7 D6 D5 D4
D2
D3
D0
D1
A
P
S1
1
0
0
A0
0
A
1
1
D7 D6 D5 D4
D2
D3
D0
D1
A
P
Start condition
SLAVE ADDRESS
CONTROL REGISTERS
R/W
R/W
Acknowledge
from Slave
Acknowledge
from Slave
Stop condition
Volume Control
settings
Output
Mode settings
Phantom Ground
settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com