Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4975_05 Datasheet HTML 21Page - STMicroelectronics TS4975_05 Datasheet HTML 22Page - STMicroelectronics TS4975_05 Datasheet HTML 23Page - STMicroelectronics TS4975_05 Datasheet HTML 24Page - STMicroelectronics TS4975_05 Datasheet HTML 25Page - STMicroelectronics TS4975_05 Datasheet HTML 26Page - STMicroelectronics TS4975_05 Datasheet HTML 27Page - STMicroelectronics TS4975_05 Datasheet HTML 28Page - STMicroelectronics TS4975_05 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
TS4975
Application Information
25/36
Table 14.
I²C control byte states
4.1.3
Acknowledge
The number of data bytes transferred between the start and the stop conditions from the CPU
master to the TS4975 slave is not limited. Each byte of eight bits is followed by one
acknowledge bit.
The TS4975 which is addressed, generates an acknowledge after the reception of each byte
that has been clocked out.
4.2
Output configuration
When the device is switched to Mode 5,6,7 or 8, where one channel is in shutdown, it means
that corresponding output is in a high impedance state.
4.2.1
Single-ended configuration
When the device is woken-up or switched via I²C interface to SE configuration, output amplifiers
are biased to the VCC/2 voltage and this voltage is present on OUT1 and OUT2 pins. Pins
PHG1 and PHG2 are in high impedance state. In this configuration an output capacitor, Cout, on
each output is needed to block the VCC/2 voltage and couples the audio signal to the load.
4.2.2
Phantom ground configuration
In a PHG configuration the internal buffers are connected to PHG1 and PHG2 pins and biased
to the VCC/2 voltage. Output amplifiers (pins OUT1 and OUT2) are also biased to the VCC/2
voltage. Therefore, no output capacitors are needed. The advantage of the PHG configuration
is the need for fewer external components as compared with a SE configuration. However, note
that the device has higher power dissipation (see
Section 4.3: Power dissipation and efficiency
on page 26).
In this configuration, PHG1 and PHG2 pins must be shorted and the connection between these
pins should be as short as possible. For best crosstalk results, in this case, each speaker
should be connected with a separate PHG wire (2 speakers connected with 4 wires) as shown
in
Figure 2: Phantom ground output configuration on page 4. You should avoid using only one
common PHG wire for both speakers (i.e. 2 speakers connected with 3 wires), which would give
much poorer crosstalk results.
4.2.3
Shutdown
When the device goes to shutdown from SE or PHG mode, PHG1 and PHG2 outputs are in a
high impedance state and OUT1 and OUT2 outputs are shorted together and connected to
bias voltage. This voltage steadily decreases as the bypass capacitor Cb discharges, and
reaches GND voltage when Cbypass is fully discharged. This output configuration is
implemented to reach the best pop performance during chip wake-up.
D7
(MSB)
D6
D5
D4
D3
D2
D1
D0
1
1
1
1
x
X
X
X
Undefined State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com