Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4975_05 Datasheet HTML 12Page - STMicroelectronics TS4975_05 Datasheet HTML 13Page - STMicroelectronics TS4975_05 Datasheet HTML 14Page - STMicroelectronics TS4975_05 Datasheet HTML 15Page - STMicroelectronics TS4975_05 Datasheet HTML 16Page - STMicroelectronics TS4975_05 Datasheet HTML 17Page - STMicroelectronics TS4975_05 Datasheet HTML 18Page - STMicroelectronics TS4975_05 Datasheet HTML 19Page - STMicroelectronics TS4975_05 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Electrical Characteristics
TS4975
16/36
Figure 27. Output power vs. power supply
voltage (each channel)
Figure 28. Output power vs. power supply
voltage (each channel)
Figure 29. Output power vs. power supply
voltage (each channel)
Figure 30. Output power vs. power supply
voltage (each channel)
2.53.0
3.54.0
4.55.0
5.5
0
20
40
60
80
100
120
140
160
180
8
Ω
16
Ω
32
Ω
64
Ω
F = 1kHz
Output mode 1 - 8
Single Ended
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
2.53.0
3.54.0
4.55.0
5.5
0
20
40
60
80
100
120
140
160
180
200
220
8
Ω
16
Ω
32
Ω
64
Ω
F = 1kHz
Output mode 1 - 8
Single Ended
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
2.53.0
3.54.0
4.55.0
5.5
0
20
40
60
80
100
120
140
160
180
8
Ω
16
Ω
32
Ω
64
Ω
F = 1kHz
Output mode 1 - 8
Phantom Ground
BW < 125 kHz
Tamb = 25
°C
Vcc (V)
2.53.0
3.54.0
4.55.0
5.5
0
20
40
60
80
100
120
140
160
180
200
220
8
Ω
16
Ω
32
Ω
64
Ω
F = 1kHz
Output mode 1 - 8
Phantom Ground
BW < 125 kHz
Tamb = 25
°C
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com