Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4975_05 Datasheet HTML 17Page - STMicroelectronics TS4975_05 Datasheet HTML 18Page - STMicroelectronics TS4975_05 Datasheet HTML 19Page - STMicroelectronics TS4975_05 Datasheet HTML 20Page - STMicroelectronics TS4975_05 Datasheet HTML 21Page - STMicroelectronics TS4975_05 Datasheet HTML 22Page - STMicroelectronics TS4975_05 Datasheet HTML 23Page - STMicroelectronics TS4975_05 Datasheet HTML 24Page - STMicroelectronics TS4975_05 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TS4975
Electrical Characteristics
21/36
Figure 55. Power dissipation vs. output power
(one channel
Figure 56. Power dissipation vs. output power
(one channel
Figure 57. Power dissipation vs. output power
(one channel
Figure 58. Power derating curves
0
5
10
15
20
25
0
10
20
30
40
50
60
70
RL=16
Ω, PHG
RL=32
Ω, PHG
Vcc = 2.5V
F = 1kHz
THD+N < 1%
RL=32
Ω, SE
RL=16
Ω, SE
Output Power (mW)
0
5
10
15
20
25
30
35
40
45
0
10
20
30
40
50
60
70
80
90
100
110
120
RL=16
Ω, PHG
RL=32
Ω, PHG
Vcc = 3.3V
F = 1kHz
THD+N < 1%
RL=32
Ω, SE
RL=16
Ω, SE
Output Power (mW)
0
102030
405060708090
100 110
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
RL=32
Ω, PHG
RL=16
Ω, PHG
RL=16
Ω, SE
Vcc = 5V
F = 1kHz
THD+N < 1%
RL=32
Ω, SE
Output Power (mW)
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
No Heat sink
Heat sink surface = 125mm
2
Ambiant Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com