Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 13Page - STMicroelectronics TS4975 Datasheet HTML 14Page - STMicroelectronics TS4975 Datasheet HTML 15Page - STMicroelectronics TS4975 Datasheet HTML 16Page - STMicroelectronics TS4975 Datasheet HTML 17Page - STMicroelectronics TS4975 Datasheet HTML 18Page - STMicroelectronics TS4975 Datasheet HTML 19Page - STMicroelectronics TS4975 Datasheet HTML 20Page - STMicroelectronics TS4975 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
TS4975
Electrical Characteristics
17/36
Figure 31. PSSR vs. frequency
Figure 32. PSSR vs. frequency
Figure 33. PSSR vs. frequency
Figure 34. PSSR vs. frequency
Figure 35. PSSR vs. frequency
Figure 36. PSSR vs. frequency
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
G=-34dB
G=-10dB
G=-2dB
G=+18dB
G=+10dB
G=+2dB
Vcc = 2.5V
RL
≥ 16Ω
Output mode 1 - 8
SE, Inp. grounded
Vripple = 200mVpp
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
G=-34dB
G=-10dB
G=-2dB
G=+18dB
G=+10dB
G=+2dB
Vcc = 2.5V
RL
≥ 16Ω
Output mode 1 - 8
PHG, Inp. grounded
Vripple = 200mVpp
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
G=-34dB
G=-10dB
G=-2dB
G=+18dB
G=+10dB
G=+2dB
Vcc = 3.3V
RL
≥ 16Ω
Output mode 1 - 8
SE, Inp. grounded
Vripple = 200mVpp
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
G=-34dB
G=-10dB
G=-2dB
G=+18dB
G=+10dB
G=+2dB
Vcc = 3.3V
RL
≥ 16Ω
Output mode 1 - 8
PHG, Inp. grounded
Vripple = 200mVpp
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
G=-34dB
G=-10dB
G=-2dB
G=+18dB
G=+10dB
G=+2dB
Vcc = 5V
RL
≥ 16Ω
Output mode 1 - 8
SE, Inp. grounded
Vripple = 200mVpp
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
20
G=-34dB
G=-10dB
G=-2dB
G=+18dB
G=+10dB
G=+2dB
Vcc = 5V
RL
≥ 16Ω
Output mode 1 - 8
PHG, Inp. grounded
Vripple = 200mVpp
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com