Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 16Page - STMicroelectronics TS4975 Datasheet HTML 17Page - STMicroelectronics TS4975 Datasheet HTML 18Page - STMicroelectronics TS4975 Datasheet HTML 19Page - STMicroelectronics TS4975 Datasheet HTML 20Page - STMicroelectronics TS4975 Datasheet HTML 21Page - STMicroelectronics TS4975 Datasheet HTML 22Page - STMicroelectronics TS4975 Datasheet HTML 23Page - STMicroelectronics TS4975 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Electrical Characteristics
TS4975
20/36
Figure 49. SNR vs. power supply voltage
Figure 50. SNR vs. power supply voltage
Figure 51. Frequency response
Figure 52. Current consumption vs. power
supply voltage
Figure 53. 3dB lower cut off frequency vs.
input capacitance
Figure 54. 3dB lower cut off frequency vs.
output capacitance
2.5
3.3
5
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
RL = 32
Ω
RL = 16
Ω
Out. mode 1 - 8
PHG, G = +18dB
Unweighted filter (20Hz to 20kHz)
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
2.5
3.3
5
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
RL = 32
Ω
RL = 16
Ω
Out. mode 1 - 8
PHG, G = +18dB
Weighted filter type A
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
20
Vcc = 5V, 3.3V, 2.5V
G = +2dB
Vcc = 5V, 3.3V, 2.5V
G = +18dB
Output mode 1 - 8
RL = 32, 16
Ω
Cin = 330nF
SE, PHG
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)
012345
0
1
2
3
4
5
6
Reset state
PHG, Out. mode 5, 6, 7, 8
PHG, Out. Mode 1, 2, 3, 4
SE, Out. mode 5, 6, 7, 8
SE, Out. mode 1, 2, 3, 4
No loads
Tamb = 25
°C
Vcc (V)
1
10
100
Typical Input
Impedance
Maximum Input
Impedance
Minimum Input
Impedance
All gain setting
Tamb=25
°C
Input Capacitor Cin (
µF)
0.1
100
1000
1
10
100
RL=32
Ω
Output capacitor Cout (
µF)
All gain setting
Tamb = 25
°C
RL=16
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com