Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 25Page - STMicroelectronics TS4975 Datasheet HTML 26Page - STMicroelectronics TS4975 Datasheet HTML 27Page - STMicroelectronics TS4975 Datasheet HTML 28Page - STMicroelectronics TS4975 Datasheet HTML 29Page - STMicroelectronics TS4975 Datasheet HTML 30Page - STMicroelectronics TS4975 Datasheet HTML 31Page - STMicroelectronics TS4975 Datasheet HTML 32Page - STMicroelectronics TS4975 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
TS4975
Application Information
29/36
Output capacitor Cout
In single-ended mode the external output coupling capacitors Cout are needed. This coupling
capacitor Cout with the output load RL also forms a first-order high-pass filter with -3 dB cut off
frequency.
See
Figure 54 to establish the Cout value for a -3dB cut-off frequency required.
These two first-order filters form a second-order high-pass filter. The -3 dB cut-off frequency of
these two filters should be the same, so the following formula should be respected:
4.5
Decoupling of the circuit
Two capacitors are needed to properly bypass the TS4975 — a power supply capacitor Cs and
a bias voltage bypass capacitor Cb.
Cs has a strong influence on the THD+N in high frequency (above 7kHz) and indirectly on the
power supply disturbances.
With 1
µF, you could expect similar THD+N performances like shown in the datasheet.
If Cs is lower than 1 µF, THD+N increases in high frequency and disturbances on power supply
rail are less filtered.
To the contrary, if Cs is higher than 1 µF, those disturbances an the power supply rail are more
filtered.
Cb has an influence on THD+N in lower frequency, but its value is critical on the final result of
PSRR with input grounded in lower frequency:
If Cb is lower than 1 µF, THD+N increases at lower frequencies and the PSRR worsens
upwards.
If Cb is higher than 1 µF, the benefit on THD+N and PSRR in the lower frequency range is
small.
The value of Cb also has an influence on startup time.
4.6
Power-on reset
When power is applied to VCC, an internal Power On Reset holds the TS4975 in a reset state
(shutdown) until the supply voltage reaches its nominal value. The Power On Reset has a
typical threshold of 1.75V.
During this reset state the outputs configuration is the same like in the shutdown mode (see
Section 4.2: Output configuration on page 25).
F
CL
1
2
πR
LCout
-------------------------- Hz
()
=
1
2
πZ
inCin
------------------------
1
2
πR
L Cout
--------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com