Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 15Page - STMicroelectronics TS4975 Datasheet HTML 16Page - STMicroelectronics TS4975 Datasheet HTML 17Page - STMicroelectronics TS4975 Datasheet HTML 18Page - STMicroelectronics TS4975 Datasheet HTML 19Page - STMicroelectronics TS4975 Datasheet HTML 20Page - STMicroelectronics TS4975 Datasheet HTML 21Page - STMicroelectronics TS4975 Datasheet HTML 22Page - STMicroelectronics TS4975 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
TS4975
Electrical Characteristics
19/36
Figure 43. SNR vs. power supply voltage
Figure 44. SNR vs. power supply voltage
Figure 45. SNR vs. power supply voltage
Figure 46. SNR vs. power supply voltage
Figure 47. SNR vs. power supply voltage
Figure 48. SNR vs. power supply voltage
2.5
3.3
5
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
RL = 32
Ω
RL = 16
Ω
Out. mode 1 - 8
SE, G = +2dB
Unweighted filter (20Hz to 20kHz)
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
2.5
3.3
5
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
RL = 32
Ω
RL = 16
Ω
Out. mode 1 - 8
SE, G = +2dB
Weighted filter type A
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
2.5
3.3
5
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
RL = 32
Ω
RL = 16
Ω
Out. mode 1 - 8
SE, G = +18dB
Unweighted filter (20Hz to 20kHz)
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
2.5
3.3
5
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
RL = 32
Ω
RL = 16
Ω
Out. mode 1 - 8
SE, G = +18dB
Weighted filter type A
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
2.5
3.3
5
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
RL = 32
Ω
RL = 16
Ω
Out. mode 1 - 8
PHG, G = +2dB
Unweighted filter (20Hz to 20kHz)
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)
2.5
3.3
5
80
82
84
86
88
90
92
94
96
98
100
102
104
106
108
110
RL = 32
Ω
RL = 16
Ω
Out. mode 1 - 8
PHG, G = +2dB
Weighted filter type A
THD+N < 0.5%
Tamb = 25
°C
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com