Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4975 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 20Page - STMicroelectronics TS4975 Datasheet HTML 21Page - STMicroelectronics TS4975 Datasheet HTML 22Page - STMicroelectronics TS4975 Datasheet HTML 23Page - STMicroelectronics TS4975 Datasheet HTML 24Page - STMicroelectronics TS4975 Datasheet HTML 25Page - STMicroelectronics TS4975 Datasheet HTML 26Page - STMicroelectronics TS4975 Datasheet HTML 27Page - STMicroelectronics TS4975 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Application Information
TS4975
24/36
4.1.2
Gain setting operation
The gain of the TS4975 ranges from -34dB to +18 dB. At Power-up, both the right and left
channels are set in Standby mode.
Table 11.
Gain settings truth table
Table 12.
Output mode settings truth table
Table 13.
Stand-by mode I²C condition
G: Gain (dB) #
D7
(MSB)
D6
D5
D4
-34
0
001
-30
0
010
-26
0
011
-22
0
100
-18
0
101
-14
0
110
-10
0
111
-6
1
000
-2
1
001
+2
1
010
+6
1
011
+10
1
100
+14
1
101
+18
1
110
D3: PHG
on / off
D2
D1
D0
COMMENTS
0
XXX
PHG off
1
xxx
PHG on
x
000
MODE 1
X
001
MODE 2
X
010
MODE 3
X
011
MODE4
X
100
MODE 5
X
101
MODE 6
X
110
MODE 7
X
111
MODE 8
D7
(MSB)
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com