Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 189 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 185Page - STMicroelectronics ST10F276 Datasheet HTML 186Page - STMicroelectronics ST10F276 Datasheet HTML 187Page - STMicroelectronics ST10F276 Datasheet HTML 188Page - STMicroelectronics ST10F276 Datasheet HTML 189Page - STMicroelectronics ST10F276 Datasheet HTML 190Page - STMicroelectronics ST10F276 Datasheet HTML 191Page - STMicroelectronics ST10F276 Datasheet HTML 192Page - STMicroelectronics ST10F276 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 229 page
background image
ST10F276
Electrical characteristics
189/229
23.7.4
Analog reference pins
The accuracy of the A/D converter depends on the accuracy of its analog reference: A noise
in the reference results in proportionate error in a conversion. A low pass filter on the A/D
converter reference source (supplied through pins VAREF and VAGND), is recommended in
order to clean the signal, minimizing the noise. A simple capacitive bypassing may be suffi-
cient in most cases; in presence of high RF noise energy, inductors or ferrite beads may be
necessary.
In this architecture, VAREF and VAGND pins also represent the power supply of the analog cir-
cuitry of the A/D converter: There is an effective DC current requirement from the reference
voltage by the internal resistor string in the R-C DAC array and by the rest of the analog cir-
cuitry.
An external resistance on VAREF could introduce error under certain conditions: For this rea-
sons, series resistance is not advisable and more generally, any series devices in the filter
network should be designed to minimize the DC resistance.
23.7.5
Analog input pins
To improve the accuracy of the A/D converter, analog input pins must have low AC imped-
ance. Placing a capacitor with good high frequency characteristics at the input pin of the
device can be effective: The capacitor should be as large as possible, ideally infinite. This
capacitor contributes to attenuating the noise present on the input pin; moreover, its source
charges during the sampling phase, when the analog signal source is a high-impedance
source.
A real filter is typically obtained by using a series resistance with a capacitor on the input pin
(simple RC Filter). The RC filtering may be limited according to the value of source imped-
ance of the transducer or circuit supplying the analog signal to be measured. The filter at the
input pins must be designed taking into account the dynamic characteristics of the input sig-
nal (bandwidth).
Figure 47.
A/D converter input pins scheme
RF
CF
RS
RL
RSW
CP2
CS
VDD
Sampling
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
INTERNAL CIRCUIT SCHEME
RS
Source impedance
RF
Filter resistance
CF
Filter capacitance
RL
Current limiter resistance
RSW
Channel selection switch impedance
RAD
Sampling switch impedance
cp
Pin capacitance (two contributions, CP1 and CP2)
CS
Sampling capacitance
CP1
RAD
Channel
Selection
VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com