Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 192 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 192 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 188Page - STMicroelectronics ST10F276 Datasheet HTML 189Page - STMicroelectronics ST10F276 Datasheet HTML 190Page - STMicroelectronics ST10F276 Datasheet HTML 191Page - STMicroelectronics ST10F276 Datasheet HTML 192Page - STMicroelectronics ST10F276 Datasheet HTML 193Page - STMicroelectronics ST10F276 Datasheet HTML 194Page - STMicroelectronics ST10F276 Datasheet HTML 195Page - STMicroelectronics ST10F276 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 229 page
background image
Electrical characteristics
ST10F276
192/229
time constant of the filter RFCF is definitely much higher than the sampling time TS, so the
charge level on CS cannot be modified by the analog signal source during the time in which
the sampling switch is closed.
Figure 49.
Anti-aliasing filter and conversion rate
The considerations above lead to impose new constraints to the external circuit, to reduce
the accuracy error due to the voltage drop on CS; from the two charge balance equations
above, it is simple to derive the following relation between the ideal and real sampled volt-
age on CS:
From this formula, in the worst case (when VA is maximum, that is for instance 5V), assum-
ing to accept a maximum error of half a count (~2.44mV), it is immediately evident that a
constraint is on CF value:
The next section provides an example of how to design the external network, based on
some reasonable values for the internal parameters and on a hypothesis on the characteris-
tics of the analog signal to be sampled.
f0
f
Analog source bandwidth (VA)
f0
f
Sampled signal spectrum (fC = conversion Rate)
fC
f
Anti-aliasing filter (fF = RC Filter pole)
fF
2 f0
≤ fC (Nyquist)
fF = f0 (Anti-aliasing Filtering Condition)
TC
≤ 2 RFCF (Conversion rate vs. filter pole)
Noise
VA
VA2
------------
CP1 CP2
+CF
+
CP1 CP2
+CF CS
++
-------------------------------------------------------------
=
CF 2048 CS
⋅
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com