Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 193 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 189Page - STMicroelectronics ST10F276 Datasheet HTML 190Page - STMicroelectronics ST10F276 Datasheet HTML 191Page - STMicroelectronics ST10F276 Datasheet HTML 192Page - STMicroelectronics ST10F276 Datasheet HTML 193Page - STMicroelectronics ST10F276 Datasheet HTML 194Page - STMicroelectronics ST10F276 Datasheet HTML 195Page - STMicroelectronics ST10F276 Datasheet HTML 196Page - STMicroelectronics ST10F276 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 229 page
background image
ST10F276
Electrical characteristics
193/229
23.7.6
Example of external network sizing
The following hypothesis is formulated in order to proceed with designing the external net-
work on A/D converter input pins:
–
Analog signal source bandwidth (f0):
10 kHz
–
Conversion rate (fC):
25 kHz
–
Sampling time (TS):
1
µs
–
Pin input capacitance (CP1):
5pF
–
Pin input routing capacitance (CP2):
1pF
–
Sampling capacitance (CS):
4pF
–
Maximum input current injection (IINJ):
3mA
–
Maximum analog source voltage (VAM): 12V
–
Analog source impedance (RS):
100
Ω
–
Channel switch resistance (RSW):
500
Ω
–
Sampling switch resistance (RAD):
200
Ω
1.
Supposing to design the filter with the pole exactly at the maximum frequency of the
signal, the time constant of the filter is:
2.
Using the relation between CF and CS and taking some margin (4000 instead of 2048),
it is possible to define CF:
3.
As a consequence of Step 1 and 2, RC can be chosen:
4.
Considering the current injection limitation and supposing that the source can go up to
12V, the total series resistance can be defined as:
from which is now simple to define the value of RL:
Now, the three elements of the external circuit RF, CF and RL are defined. Some conditions
discussed in the previous paragraphs have been used to size the component; the others
must now be verified. The relation which allows to minimize the accuracy error introduced by
the switched capacitance equivalent resistance is in this case:
So the error due to the voltage partitioning between the real resistive path and CS is less
RCCF
1
2
πf0
------------
15.9
µs
=
=
CF 4000CS
⋅
16nF
=
=
RF
1
2
πf
0CF
--------------------
995
Ω 1kΩ
≅
=
=
RS RF RL
VAM
IINJ
-------------
4k
Ω
=
=
++
RL
VAM
IINJ
------------- RF RS 2.9kΩ
=
–
–
=
REQ
1
fCCS
---------------
10M
Ω
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com