Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8533
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8533 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8533 Datasheet HTML 1Page - NXP Semiconductors PCF8533 Datasheet HTML 2Page - NXP Semiconductors PCF8533 Datasheet HTML 3Page - NXP Semiconductors PCF8533 Datasheet HTML 4Page - NXP Semiconductors PCF8533 Datasheet HTML 5Page - NXP Semiconductors PCF8533 Datasheet HTML 6Page - NXP Semiconductors PCF8533 Datasheet HTML 7Page - NXP Semiconductors PCF8533 Datasheet HTML 8Page - NXP Semiconductors PCF8533 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
1999 Jul 30
5
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8533
5
PINNING
Note
1. For most applications SDA and SDAACK will be shorted together; see Chapter 7.
6
FUNCTIONAL DESCRIPTION
The PCF8533 is a versatile peripheral device designed to interface any microprocessor/microcontroller to a wide variety
of LCDs. It can directly drive any static or multiplexed LCD containing up to four backplanes and up to 80 segments.
The display configurations possible with the PCF8533 depend on the number of active backplane outputs required; a
selection of display configurations is given in Table 1.
All of the display configurations given in Table 1 can be implemented in the typical system shown in Fig.2.
The host microprocessor/microcontroller maintains the 2-line I2C-bus communication channel with the PCF8533.
The internal oscillator is selected by connecting pad OSC to VSS. The appropriate biasing voltages for the multiplexed
LCD waveforms are generated internally. The only other connections required to complete the system are to the power
supplies (VDD, VSS and VLCD) and the LCD panel selected for the application.
Table 1
Selection of display configurations
SYMBOL
PAD
DESCRIPTION
SDAACK
1
I2C-bus acknowledge output; note 1
SDA
2 and 3
I2C-bus serial data input; note 1
SCL
4 and 5
I2C-bus serial clock input
CLK
6
external clock input/output
VDD
7
supply voltage
SYNC
8
cascade synchronization input/output
OSC
9
internal oscillator enable input
A0, A1 and A2
10, 11 and 12
subaddress inputs
SA0
13
I2C-bus slave address input; bit 0
VSS
14
logic ground
VLCD
15
LCD supply voltage
BP0, BP1, BP2 and BP3
17, 99, 16 and 98
LCD backplane outputs
S0 to S79
18 to 97
LCD segment outputs
NUMBER OF
7-SEGMENTS NUMERIC
14-SEGMENTS
ALPHANUMERIC
DOT MATRIX
BACKPLANES
SEGMENTS
DIGITS
INDICATOR
SYMBOLS
CHARACTERS
INDICATOR
SYMBOLS
4
320
40
40
20
40
320 dots (4
× 80)
3
240
30
30
16
16
240 dots (3
× 80)
2
160
20
20
10
20
160 dots (2
× 80)
1
80
10
10
5
10
80 dots (1
× 80)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com