Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8533
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8533 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8533 Datasheet HTML 12Page - NXP Semiconductors PCF8533 Datasheet HTML 13Page - NXP Semiconductors PCF8533 Datasheet HTML 14Page - NXP Semiconductors PCF8533 Datasheet HTML 15Page - NXP Semiconductors PCF8533 Datasheet HTML 16Page - NXP Semiconductors PCF8533 Datasheet HTML 17Page - NXP Semiconductors PCF8533 Datasheet HTML 18Page - NXP Semiconductors PCF8533 Datasheet HTML 19Page - NXP Semiconductors PCF8533 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
1999 Jul 30
16
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8533
the BANK SELECT command. The input bank selector
functions independently to the output bank selector.
6.15
Blinker
The display blinking capabilities of the PCF8533 are very
versatile. The whole display can be blinked at frequencies
selected by the BLINK command. The blinking frequencies
are integer multiples of the clock frequency. The ratios
between the clock and blinking frequencies depend on the
mode in which the device is operating, see Table 4.
An additional feature is for an arbitrary selection of LCD
segments to be blinked. This applies to the static and
1 : 2 LCD drive modes and can be implemented without
any communication overheads. By means of the output
bank selector, the displayed RAM banks are exchanged
with alternate RAM banks at the blinking frequency. This
mode can also be specified by the BLINK command.
In the 1 : 3 and 1 : 4 multiplex modes, where no alternate
RAM bank is available, groups of LCD segments can be
blinked by selectively changing the display RAM data at
fixed time intervals.
If the entire display is to be blinked at a frequency other than the nominal blinking frequency, this can be effectively
performed by resetting and setting the display enable bit E at the required rate using the MODE SET command.
Table 4
Blinking frequencies
BLINKING MODE
NORMAL OPERATING MODE
RATIO
NOMINAL BLINKING FREQUENCY
Off
−
blinking off
2Hz
2Hz
1Hz
1Hz
0.5 Hz
0.5 Hz
f
CLK
768
-----------
f
CLK
1536
-------------
f
CLK
3072
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com