Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8533
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8533 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8533 Datasheet HTML 18Page - NXP Semiconductors PCF8533 Datasheet HTML 19Page - NXP Semiconductors PCF8533 Datasheet HTML 20Page - NXP Semiconductors PCF8533 Datasheet HTML 21Page - NXP Semiconductors PCF8533 Datasheet HTML 22Page - NXP Semiconductors PCF8533 Datasheet HTML 23Page - NXP Semiconductors PCF8533 Datasheet HTML 24Page - NXP Semiconductors PCF8533 Datasheet HTML 25Page - NXP Semiconductors PCF8533 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
1999 Jul 30
22
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8533
Table 5
Definition of PCF8533 commands
Table 6
Mode set option 1
Table 7
Mode set option 2
Table 8
Mode set option 3
COMMAND
OPCODE
OPTIONS
DESCRIPTION
MODE SET
1
1
0
0
E
B
M1
M0
Table 6
defines LCD drive mode
Table 7
defines LCD bias configuration
Table 8
defines display status; the possibility to
disable the display allows implementation of
blinking under external control
LOAD DATA
POINTER
0
P6
P5
P4
P3
P2
P1
P0
Table 9
seven bits of immediate data, bits P6 to P0,
are transferred to the data pointer to define
one of eighty display RAM addresses
DEVICE
SELECT
1
1
1
0
0
A2
A1
A0
Table 10
three bits of immediate data, bits A0 to A3,
are transferred to the subaddress counter to
define one of eight hardware subaddresses
BANK
SELECT
1
1
1
1
1
0
I
O
Table 11
defines input bank selection (storage of
arriving display data)
Table 12
defines output bank selection (retrieval of
LCD display data); the BANK SELECT
command has no effect in 1 : 3 and 1 : 4
multiplex drive modes
BLINK
1
1
1
1
0
A
BF
1
BF
0
Table 13
defines the blinking frequency
Table 14
selects the blinking mode; normal operation
with frequency set by BF1, BF0 or blinking by
alternation of display RAM banks. Alternation
blinking does not apply in 1 : 3 and 1 : 4
multiplex drive modes
LCD DRIVE MODE
BITS
DRIVE MODE
BACKPLANE
M1
M0
Static
1 BP
0
1
1 : 2
MUX (2 BP)
1
0
1 : 3
MUX (3 BP)
1
1
1 : 4
MUX (4 BP)
0
0
LCD BIAS
BIT B
1
⁄3bias
0
1
⁄2bias
1
DISPLAY STATUS
BIT E
Disabled (blank)
0
Enabled
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com