Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8533
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8533 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8533 Datasheet HTML 23Page - NXP Semiconductors PCF8533 Datasheet HTML 24Page - NXP Semiconductors PCF8533 Datasheet HTML 25Page - NXP Semiconductors PCF8533 Datasheet HTML 26Page - NXP Semiconductors PCF8533 Datasheet HTML 27Page - NXP Semiconductors PCF8533 Datasheet HTML 28Page - NXP Semiconductors PCF8533 Datasheet HTML 29Page - NXP Semiconductors PCF8533 Datasheet HTML 30Page - NXP Semiconductors PCF8533 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
1999 Jul 30
27
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8533
10 DC CHARACTERISTICS
VDD = 1.8 to 5.5 V; VSS =0V;VLCD = 2.5 to 6.5 V; Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. LCD outputs are open-circuit; inputs at VSS or VDD; external clock with 50% duty factor; I2C-bus inactive.
2. Not tested; given by design.
3. Outputs measured one at a time.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
1.8
−
5.5
V
VLCD
LCD supply voltage
2.5
−
6.5
V
IDD
supply current
fCLK = 1536 Hz; note 1 −
820
µA
ILCD
LCD supply current
fCLK = 1536 Hz; note 1 −
24
60
µA
Logic
VIL
LOW-level input voltage
VSS
−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD
V
IOL1
LOW-level output current on pads
CLK and SYNC
VOL = 0.4 V; VDD =5V 1
−−
mA
IOH1
HIGH-level output current pad CLK
VOH = 4.6 V;
VDD =5V
−1
−−
mA
IOL2
LOW-level output current pad SDA
VOL = 0.4 V; VDD =5V 3
−−
mA
IL1
leakage current on pads SA0,
A0 to A2, CLK, SDA and SCL
VI =VDD or VSS
−1
−
+1
µA
IL2
leakage current pad OSC
VI =VDD
−1
−
+1
µA
VPOR
Power-on reset voltage level
1.0
1.3
1.6
V
CI
input capacitance
note 2
−−
7pF
LCD outputs
VBP
DC voltage component on pads
BP0 to BP3
CBP =35nF
−100
−
+100
mV
VS
DC voltage component on pads
S0 to S79
CS =5nF
−100
−
+100
mV
RBP
output resistance at pads BP0 to BP3 VLCD = 5 V; note 3
−
1.5
10
k
Ω
RS
output resistance at pads S0 to S79
VLCD = 5 V; note 3
−
6.0
13.5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com