Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8533
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8533 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8533 Datasheet HTML 15Page - NXP Semiconductors PCF8533 Datasheet HTML 16Page - NXP Semiconductors PCF8533 Datasheet HTML 17Page - NXP Semiconductors PCF8533 Datasheet HTML 18Page - NXP Semiconductors PCF8533 Datasheet HTML 19Page - NXP Semiconductors PCF8533 Datasheet HTML 20Page - NXP Semiconductors PCF8533 Datasheet HTML 21Page - NXP Semiconductors PCF8533 Datasheet HTML 22Page - NXP Semiconductors PCF8533 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
1999 Jul 30
19
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex rates
PCF8533
7.7
I2C-bus protocol
Two I2C-bus slave addresses (01110000 and 01110010)
are reserved for the PCF8533. The least significant bit of
the slave address that a PCF8533 will respond to is
defined by the level tied at its input SA0. The PCF8533 is
a write only device and will not respond to a read access.
Therefore, two types of PCF8533 can be distinguished on
the same I2C-bus which allows:
1. Up to 16 PCF8533s on the same I2C-bus for very large
LCD applications
2. The use of two types of LCD multiplex on the same
I2C-bus.
The I2C-bus protocol is shown in Fig.14. The sequence is
initiated with a START condition (S) from the I2C-bus
master which is followed by one of the two PCF8533 slave
addresses available. All PCF8533s with the corresponding
SA0 level acknowledge in parallel to the slave address, but
all PCF8533s with the alternative SA0 level ignore the
whole I2C-bus transfer.
After acknowledgement, a control byte follows which
defines if the next byte is RAM or command information.
The control byte also defines if the next following byte is a
control byte or further RAM/command data.
In this way it is possible to configure the device then fill the
display RAM with little overhead.
The command bytes and control bytes are also
acknowledged by all addressed PCF8533s connected to
the bus.
The display bytes are stored in the display RAM at the
address specified by the data pointer and the subaddress
counter. Both data pointer and subaddress counter are
automatically updated and the data is directed to the
intended PCF8533 device.
The acknowledgement after each byte is made only by the
(A0, A1 and A2) addressed PCF8533. After the last
display byte, the I2C-bus master issues a STOP
condition (P). Alternatively a START may be issued to
RESTART an I2C-bus access.
7.8
Command decoder
The command decoder identifies command bytes that
arrive on the I2C-bus. The five commands available to the
PCF8533 are defined in Table 5.
Fig.10 Bit transfer.
MBA607
data line
stable;
data valid
change
of data
allowed
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com