Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8573 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8573
Description  Clock/calendar with Power Fail Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8573 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8573 Datasheet HTML 1Page - NXP Semiconductors PCF8573 Datasheet HTML 2Page - NXP Semiconductors PCF8573 Datasheet HTML 3Page - NXP Semiconductors PCF8573 Datasheet HTML 4Page - NXP Semiconductors PCF8573 Datasheet HTML 5Page - NXP Semiconductors PCF8573 Datasheet HTML 6Page - NXP Semiconductors PCF8573 Datasheet HTML 7Page - NXP Semiconductors PCF8573 Datasheet HTML 8Page - NXP Semiconductors PCF8573 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1997 Mar 28
5
Philips Semiconductors
Product specification
Clock/calendar with Power Fail Detector
PCF8573
7
FUNCTIONAL DESCRIPTION
7.1
Oscillator
The PCF8573 has an integrated crystal-controlled
oscillator which provides the timebase for the prescaler.
The frequency is determined by a single 32.76 kHz crystal
connected between OSCI and OSCO. A trimmer is
connected between OSCI and VDD.
7.2
Prescaler and time counter
The prescaler provides a 128 Hz signal at the FSET output
for fine adjustment of the crystal oscillator without loading
it. The prescaler also generates a pulse once a second to
advance the seconds counter. The carry of the prescaler
and the seconds counter are available at the outputs SEC,
MIN respectively, and are also readable via the I2C-bus.
The mark-to-space ratio of both signals is 1 : 1. The time
counter is advanced one count by the falling edge of output
signal MIN. A transition from HIGH-to-LOW of output
signal SEC triggers MIN to change state. The time counter
counts minutes, hours, days and months, and provides a
full calendar function which needs to be corrected only
once every four years - to allow for leap-year. Cycle
lengths are shown in Table 1.
7.3
Alarm register
The alarm register is a 24-bit memory. It stores the
time-point for the next setting of the status flag COMP.
Details of writing and reading of the alarm register are
included in the description of the characteristics of the
I2C-bus.
7.4
Comparator
The comparator compares the contents of the alarm
register and the time counter, each with a length of 24 bits.
When these contents are equal the flag COMP will be set
4 ms after the falling edge of MIN. This set condition
occurs once at the beginning of each minute. This
information is latched, but can be cleared by an instruction
via the I2C-bus. A clear instruction may be transmitted
immediately after the flag is set and will be executed. Flag
COMP information is also available at the output COMP.
The comparison may be based upon hours and minutes
only if the internal flag NODA (no date) is set. Flag NODA
can be set and cleared by separate instructions via the
I2C-bus, but it is undefined until the first set or clear
instruction has been received. Both COMP and NODA
flags are readable via the I2C-bus.
Table 1
Cycle length of the time counter
Note
1. During February of a leap-year the ‘Time Counter Days’ may be set to 29 by directly writing into it using the ‘execute
address’ function. Leap-years must be tracked by the system software.
UNIT
NUMBER OF BITS
COUNTING CYCLE
CARRY FOR
FOLLOWING UNIT
CONTENT OF MONTH
COUNTER
minutes
7
00 to 59
59
→ 00
hours
6
00 to 23
23
→ 00
days(1)
6
01 to 28
28
→ 01
2 (note 1)
or 29
→ 01
2 (note 1)
01 to 30
30
→ 01
4, 6, 9, 11
01 to 31
31
→ 01
1, 3, 5, 7, 8, 10, 12
months
5
01 to 12
12
→ 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com