Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8573 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8573
Description  Clock/calendar with Power Fail Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8573 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8573 Datasheet HTML 2Page - NXP Semiconductors PCF8573 Datasheet HTML 3Page - NXP Semiconductors PCF8573 Datasheet HTML 4Page - NXP Semiconductors PCF8573 Datasheet HTML 5Page - NXP Semiconductors PCF8573 Datasheet HTML 6Page - NXP Semiconductors PCF8573 Datasheet HTML 7Page - NXP Semiconductors PCF8573 Datasheet HTML 8Page - NXP Semiconductors PCF8573 Datasheet HTML 9Page - NXP Semiconductors PCF8573 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1997 Mar 28
6
Philips Semiconductors
Product specification
Clock/calendar with Power Fail Detector
PCF8573
7.5
Power on/power fail detection
If the voltage VDD − VSS1 falls below a certain value the
operation of the clock becomes undefined. Thus a warning
signal is required to indicate that faultless operation of the
clock is not guaranteed. This information is latched in a
flag called POWF (Power Fail) and remains latched after
restoration of the correct supply voltage until a write
procedure with EXECUTE ADDRESS has been received.
The flag POWF can be set by an internally generated
power fail level-discriminator signal for application with
(VDD − VSS1) greater than VTH1, or by an externally
generated power fail signal for application with
(VDD − VSS1) less than VTH1. The external signal must be
applied to the input PFIN. The input stage operates with
signals of slow rise and fall times. Internally or externally
controlled POWF can be selected by input EXTPF as
shown in Table 2.
Table 2
Power fail selection
Note
1. 0 = VSS1 (LOW); 1 = VDD (HIGH).
EXTPF(1)
PFIN(1)
FUNCTION
0
0
power fail is sensed internally
0
1
test mode
1
0
power fail is sensed externally
1
1
no power fail sensed
The external power fail control operates by absence of the
VDD − VSS2 supply. Therefore the input levels applied to
PFIN and EXTPF must be within the range of VDD−VSS1.
A LOW level at PFIN indicates a power fail. POWF is
readable via the I2C-bus. A power-on reset for the I2C-bus
control is generated on-chip when the supply voltage
VDD − VSS2 is less than VTH2.
7.6
Interface level shifters
The level shifters adjust the 5 V operating voltage
(VDD − VSS2) of the microcontroller to the internal supply
voltage (VDD − VSS1) of the clock/calendar. The oscillator
and counter are not influenced by the VDD − VSS2 supply
voltage. If the voltage VDD − VSS2 is absent (VDD =VSS2)
the output signal of the level shifter is HIGH because VDD
is the common node of the VDD − VSS2 and the VDD − VSS1
supplies. Because the level shifters invert the input
signals, the internal circuit behaves as if a LOW signal is
present on the inputs. FSET, SEC, MIN and COMP are
CMOS push-pull output stages. The driving capability of
these outputs is lost when the supply voltage
VDD − VSS2 =0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com